Electronic Components Datasheet Search
  English  ▼

X  

AT45DB161E Datasheet(PDF) 15 Page - Dialog Semiconductor

Part # AT45DB161E
Description  16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB161E Datasheet(HTML) 15 Page - Dialog Semiconductor

Back Button AT45DB161E Datasheet HTML 11Page - Dialog Semiconductor AT45DB161E Datasheet HTML 12Page - Dialog Semiconductor AT45DB161E Datasheet HTML 13Page - Dialog Semiconductor AT45DB161E Datasheet HTML 14Page - Dialog Semiconductor AT45DB161E Datasheet HTML 15Page - Dialog Semiconductor AT45DB161E Datasheet HTML 16Page - Dialog Semiconductor AT45DB161E Datasheet HTML 17Page - Dialog Semiconductor AT45DB161E Datasheet HTML 18Page - Dialog Semiconductor AT45DB161E Datasheet HTML 19Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
14
AT45DB161E
DS-AT45DB161E–8782N–03-2021
To perform a Buffer Read using the standard DataFlash buffer size (528 bytes), the opcode must be clocked into
the device followed by three address bytes comprised of 14 dummy bits and 10 buffer address bits (BFA9 - BFA0).
To perform a Buffer Read using the binary buffer size (512 bytes), the opcode must be clocked into the device
followed by three address bytes comprised of 15 dummy bits and nine buffer address bits (BFA8 - BFA0).
Following the address bytes, one dummy byte must be clocked into the device to initialize the read operation if
using opcodes D4h or D6h. The CS pin must remain low during the loading of the opcode, the address bytes, the
dummy byte (if using opcodes D4h or D6h), and the reading of data. When the end of a buffer is reached, the
device continues reading back at the beginning of the buffer. A low-to-high transition on the CS pin terminates the
read operation and tri-state the output pin (SO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com