Electronic Components Datasheet Search
  English  ▼

X  

AT45DB161E Datasheet(PDF) 17 Page - Dialog Semiconductor

Part # AT45DB161E
Description  16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB161E Datasheet(HTML) 17 Page - Dialog Semiconductor

Back Button AT45DB161E Datasheet HTML 13Page - Dialog Semiconductor AT45DB161E Datasheet HTML 14Page - Dialog Semiconductor AT45DB161E Datasheet HTML 15Page - Dialog Semiconductor AT45DB161E Datasheet HTML 16Page - Dialog Semiconductor AT45DB161E Datasheet HTML 17Page - Dialog Semiconductor AT45DB161E Datasheet HTML 18Page - Dialog Semiconductor AT45DB161E Datasheet HTML 19Page - Dialog Semiconductor AT45DB161E Datasheet HTML 20Page - Dialog Semiconductor AT45DB161E Datasheet HTML 21Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
16
AT45DB161E
DS-AT45DB161E–8782N–03-2021
dummy bits, 12 page address bits (A20 - A9) that specify the page in the main memory to be written, and nine
dummy bits.
When a low-to-high transition occurs on the CS pin, the device programs the data stored in the appropriate buffer
into the specified page in the main memory. The page in main memory that is being programmed must have been
previously erased using one of the erase commands (Page Erase, Block Erase, Sector Erase, or Chip Erase).
Programming the page is internally self-timed and takes a maximum time of tP. During this time, the RDY/BUSY bit
in the Status Register indicates that the device is busy.
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to
program properly. If a programming error arises, it is indicated by the EPE bit in the Status Register.
7.4
Main Memory Page Program through Buffer with Built-In Erase
The Main Memory Page Program through Buffer with Built-In Erase command combines the Buffer Write and
Buffer to Main Memory Page Program with Built-In Erase operations into a single operation to help simplify
application firmware development. With the Main Memory Page Program through Buffer with Built-In Erase
command, data is first clocked into either Buffer 1 or Buffer 2, the addressed page in memory is then automatically
erased, and then the contents of the appropriate buffer are programmed into the just-erased main memory page.
To perform a Main Memory Page Program through Buffer using the standard DataFlash page size (528 bytes), an
opcode of 82h for Buffer 1 or 85h for Buffer 2 must first be clocked into the device followed by three address bytes
comprised of two dummy bits, 12 page address bits (PA11 - PA0) that specify the page in the main memory to be
written, and 10 buffer address bits (BFA9 - BFA0) that select the first byte in the buffer to be written.
To perform a Main Memory Page Program through Buffer using the binary page size (512 bytes), an opcode of 82h
for Buffer 1 or 85h for Buffer 2 must first be clocked into the device followed by three address bytes comprised of
three dummy bits, 12 page address bits (A20 - A9) that specify the page in the main memory to be written, and nine
buffer address bits (BFA8 - BFA0) that select the first byte in the buffer to be written.
After all address bytes have been clocked in, the device takes data from the input pin (SI) and store it in the
specified data buffer. If the end of the buffer is reached, the device wraps around back to the beginning of the
buffer. When there is a low-to-high transition on the CS pin, the device first erases the selected page in main
memory (the erased state is a logic 1) and then program the data stored in the buffer into that main memory page.
Erasing and programming the page are internally self-timed and take a maximum time of tEP. During this time, the
RDY/BUSY bit in the Status Register indicates that the device is busy.
The device also incorporates an intelligent erase and programming algorithm that can detect when a byte location
fails to erase or program properly. If an erase or program error arises, it is indicated by the EPE bit in the Status
Register.
7.5
Main Memory Byte/Page Program through Buffer 1 without Built-In Erase
The Main Memory Byte/Page Program through Buffer 1 without Built-In Erase command combines both the Buffer
Write and Buffer to Main Memory Program without Built-In Erase operations to allow any number of bytes (1 to
512/528 bytes) to be programmed directly into previously erased locations in the main memory array. With the
Main Memory Byte/Page Program through Buffer 1 without Built-In Erase command, data is first clocked into Buffer
1, and then only the bytes clocked into the buffer are programmed into the pre-erased byte locations in main
memory. Multiple bytes up to the page size can be entered with one command sequence.
To perform a Main Memory Byte/Page Program through Buffer 1 using the standard DataFlash page size (528
bytes), an opcode of 02h must first be clocked into the device followed by three address bytes comprised of two
dummy bits, 12 page address bits (PA11 - PA0) that specify the page in the main memory to be written, and 10
buffer address bits (BFA9 - BFA0) that select the first byte in the buffer to be written. After all address bytes are
clocked in, the device takes data from the input pin (SI) and store it in Buffer 1. Any number of bytes (1 to 528) can
be entered. If the end of the buffer is reached, then the device wraps around back to the beginning of the buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com