Electronic Components Datasheet Search
  English  ▼

X  

AT45DB161E Datasheet(PDF) 44 Page - Dialog Semiconductor

Part # AT45DB161E
Description  16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB161E Datasheet(HTML) 44 Page - Dialog Semiconductor

Back Button AT45DB161E Datasheet HTML 40Page - Dialog Semiconductor AT45DB161E Datasheet HTML 41Page - Dialog Semiconductor AT45DB161E Datasheet HTML 42Page - Dialog Semiconductor AT45DB161E Datasheet HTML 43Page - Dialog Semiconductor AT45DB161E Datasheet HTML 44Page - Dialog Semiconductor AT45DB161E Datasheet HTML 45Page - Dialog Semiconductor AT45DB161E Datasheet HTML 46Page - Dialog Semiconductor AT45DB161E Datasheet HTML 47Page - Dialog Semiconductor AT45DB161E Datasheet HTML 48Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
43
AT45DB161E
DS-AT45DB161E–8782N–03-2021
14
Software Reset
In some applications, it might be necessary to prematurely terminate a program or erase cycle early rather than
wait the hundreds of microseconds or milliseconds necessary for the program or erase operation to complete
normally. The Software Reset command allows a program or erase operation in progress to be ended abruptly and
returns the device to an idle state.
To perform a Software Reset, the CS pin must be asserted and a four-byte command sequence of F0h, 00h, 00h,
and 00h must be clocked into the device. Any additional data clocked into the device after the last byte is ignored.
When the CS pin is deasserted, the program or erase operation currently in progress is terminated within a time
tSWRST. Since the program or erase operation might not complete before the device is reset, the contents of the
page being programmed or erased cannot be guaranteed to be valid.
The Software Reset command has no effect on the states of the Sector Protection Register, the Sector Lockdown
Register, or the buffer and page size configuration. The PS2, PS1, and ES bits of the Status Register, however,
are reset back to their default states. If a Software Reset operation is performed while a sector is erase suspended,
the suspend operation aborts and the contents of the page or block being erased in the suspended sector is left in
an undefined state. If a Software Reset is performed while a sector is program suspended, the suspend operation
aborts and the contents of the page that was being programmed and subsequently suspended is undefined. The
remaining pages in the sector retain their previous contents.
The complete four-byte opcode must be clocked into the device before the CS pin is deasserted, and the CS pin
must be deasserted on a byte boundary (multiples of eight bits); otherwise, no reset operation is performed.
Table 14-1. Software Reset
Figure 14-1. Software Reset
Command
Byte 1
Byte 2
Byte 3
Byte 4
Software Reset
F0h
00h
00h
00h
CS
SI
F0h
00h
00h
00h
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com