Electronic Components Datasheet Search
  English  ▼

X  

ICS1562B Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS1562B
Description  User Programmable Differential Output Graphics Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1562B Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS1562B Datasheet HTML 6Page - Integrated Circuit Systems ICS1562B Datasheet HTML 7Page - Integrated Circuit Systems ICS1562B Datasheet HTML 8Page - Integrated Circuit Systems ICS1562B Datasheet HTML 9Page - Integrated Circuit Systems ICS1562B Datasheet HTML 10Page - Integrated Circuit Systems ICS1562B Datasheet HTML 11Page - Integrated Circuit Systems ICS1562B Datasheet HTML 12Page - Integrated Circuit Systems ICS1562B Datasheet HTML 13Page - Integrated Circuit Systems ICS1562B Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REG#
BIT(S)
BIT REF.
DESCRIPTION
11
0-1
S[0]..S[1]
PLL post-scaler/test mode select bits
S[1] S[0]
DESCRIPTION
0
0
Post-scaler=1. F(CLK)=F(PLL). The output of the N1 divider
drives the LOAD output which, in turn, drives the N2 divider.
0
1
Post-scaler=2. F(CLK)=F(PLL)/2. The output of the N1 divider
drives the LOAD output which, in turn, drives the N2 divider.
1
0
Post-scaler=4. F(CLK)=F(PLL)/4. The output of the N1 divider
drives the LOAD output which, in turn, drives the N2 divider.
1
1
AUXEN CLOCK MODE. The AUXCLK bit drives the differential
outputs CLK+ and CLK- and the AUXN1 bit drives the LOAD
output which, in turn, drives the N2 divider.
11
2
AUX_CLK
When in the AUXEN clock mode, this bit controls the differential
outputs.
11
3
AUX_N1
When in the AUXEN clock mode, this bit controls the LOAD output
(and consequently the N2 output according to its programming).
When not in the AUXEN clock mode, this bit, if set to one, will over-
ride the N1 divider modulus and output the VCO frequency divided
by two [F(PLL)/2] at the LOAD output.
12
0
RESERVED
Must be set to zero.
12
1
JAMPLL
Tristates phase detector outputs; resets phase detector logic, and
resets R, A, M, and N2 counters.
12
2
DACRST
Set to zero for normal operation. When set to one, the CLK+output
is kept high and the CLK- output is kept low. (All other device func-
tions are unaffected.) When returned to zero, the CLK+ and CLK-
outputs will resume toggling on a rising edge of the LD output
(+/- 1 CLK period). To initiate a RAMDAC reset sequence,
simply write a one to this register bit followed by a zero.
12
3
SELXTAL
When set to logic 1, passes the reference frequency to the post-scaler.
15
0
ALTLOOP
Controls substitution of N1 and N2 dividers into feedback loop of PLL.
When this bit is a logic 1, the N1 and N2 dividers are used.
15
3
PDRSTEN
Phase-detector reset enable control bit. When this bit is set, the AD3
pin becomes a transparent reset input to the phase detector.
See "Internal Feedback Operation" section for more
details on the operation of this function.
ICS1562B
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com