Electronic Components Datasheet Search
  English  ▼

X  

ICS1562B Datasheet(PDF) 16 Page - Integrated Circuit Systems

Part # ICS1562B
Description  User Programmable Differential Output Graphics Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1562B Datasheet(HTML) 16 Page - Integrated Circuit Systems

Back Button ICS1562B Datasheet HTML 12Page - Integrated Circuit Systems ICS1562B Datasheet HTML 13Page - Integrated Circuit Systems ICS1562B Datasheet HTML 14Page - Integrated Circuit Systems ICS1562B Datasheet HTML 15Page - Integrated Circuit Systems ICS1562B Datasheet HTML 16Page - Integrated Circuit Systems ICS1562B Datasheet HTML 17Page - Integrated Circuit Systems ICS1562B Datasheet HTML 18Page - Integrated Circuit Systems ICS1562B Datasheet HTML 19Page - Integrated Circuit Systems ICS1562B Datasheet HTML 20Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Absolute Maximum Ratings
VDD, VDDO (measured to VSS). . . . . . . . . . . . . . . . . . . . . . . 7.0 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS-0.5 to VDD + 0.5 V
Digital Outputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS-0.5 to VDDO + 0.5 V
Ambient Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . -55 to 125
°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to 150
°C
Junction Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175
°C
Soldering Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260
°C
Recommended Operating Conditions
VDD, VDDO (measured to VSS). . . . . . . . . . . . . . . . . . . . . . . 4.75 to 5.25 V
Operating Temperature (Ambient) . . . . . . . . . . . . . . . . . . . . . 0 to 70
°C
DC Characteristics
TTL-Compatible Inputs
001 Option - (AD0-AD3, STROBE),
201 Option - (DATCLK, DATA, HOLD, BLANK, EXTFBK)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Input High Voltage
Vih
2.0
VDD+0.5
V
Input Low Voltage
Vil
VSS-0.5
0.8
V
Input High Current
Iih
Vih=VDD
-
10
uA
Input Low Current
Iil
Vil=0.0
-
200
uA
Input Capacitance
Cin
-8
pf
Hysteresis (STROBE/DATCLK)
Vhys
VDD=5V
.20
.60
V
XTAL1 Input
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Input High Voltage
Vxh
3.75
VDD+0.5
V
Input Low Voltage
Vxl
VSS-0.5
1.25
CLK+, CLK- Outputs
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Differential Output Voltage
0.6
-
V
LOAD, LD/N2 Outputs
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Output High Voltage (Ioh = 4.0mA)
2.4
-
V
Output Low Voltage (Iol = 8.0mA)
-
0.4
V
ICS1562B
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com