Electronic Components Datasheet Search
  English  ▼

X  

ICS1562B Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS1562B
Description  User Programmable Differential Output Graphics Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1562B Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS1562B Datasheet HTML 4Page - Integrated Circuit Systems ICS1562B Datasheet HTML 5Page - Integrated Circuit Systems ICS1562B Datasheet HTML 6Page - Integrated Circuit Systems ICS1562B Datasheet HTML 7Page - Integrated Circuit Systems ICS1562B Datasheet HTML 8Page - Integrated Circuit Systems ICS1562B Datasheet HTML 9Page - Integrated Circuit Systems ICS1562B Datasheet HTML 10Page - Integrated Circuit Systems ICS1562B Datasheet HTML 11Page - Integrated Circuit Systems ICS1562B Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Register Mapping - ICS1562B-001 (Parallel Programming Option)
NOTE: IT IS NOT NECESSARY TO UNDERSTAND THE FUNCTION OF THESE BITS TO USE THE ICS1562B. PC SOFTWARE IS AVAILABLE
FROM ICS TO AUTOMATICALLY GENERATE ALL REGISTER VALUES BASED ON REQUIREMENTS. CONTACT FACTORY FOR DETAILS.
REG#
BIT(S)
BIT REF.
DESCRIPTION
0
0-3
R[0]..R[3]
Reference divider modulus control bits
1
0-2
R[4]..R[6]
Modulus = value + 1
1
3
REFPOL
PLL locks to the rising edge of XTAL1 input when REFPOL=1 and
to the falling edge of XTAL1 when REFPOL=0.
2
0-3
A[0]..A[3]
Controls A counter. When set to zero, modulus=7. Otherwise,
modulus=7 for “value” underflows of the prescaler, and modulus=6
thereafter until M counter underflows.
3
0-3
M[0]..M[3]
M counter control bits
4
0-1
M[4]..M[5]
Modulus = value + 1
4
2
FBKPOL
External feedback polarity control bit. The PLL will lock to the falling
edge of EXTFBK when FBKPOL=1 and to the rising edge of
EXTFBK when FBKPOL=0.
4
3
DBLFREQ
Doubles modulus of dual-modulus prescaler (from 6/7 to 12/14).
5
0-3
N1[0]..N1[3]
Sets N1 modulus according to this table. These bits are set to imple-
ment a divide-by-four on power-up.
N1[3]
N1[2]
N1[1]
N1[0]
RATIO
00003
00014
00104
00115
01006
01018
01108
0111
10
1X
0
0
12
1X
0
1
16
1X
1
0
16
1X
1
1
20
X=Don’t Care
ICS1562B
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com