Electronic Components Datasheet Search
  English  ▼

X  

ICS1562B Datasheet(PDF) 17 Page - Integrated Circuit Systems

Part # ICS1562B
Description  User Programmable Differential Output Graphics Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1562B Datasheet(HTML) 17 Page - Integrated Circuit Systems

Back Button ICS1562B Datasheet HTML 12Page - Integrated Circuit Systems ICS1562B Datasheet HTML 13Page - Integrated Circuit Systems ICS1562B Datasheet HTML 14Page - Integrated Circuit Systems ICS1562B Datasheet HTML 15Page - Integrated Circuit Systems ICS1562B Datasheet HTML 16Page - Integrated Circuit Systems ICS1562B Datasheet HTML 17Page - Integrated Circuit Systems ICS1562B Datasheet HTML 18Page - Integrated Circuit Systems ICS1562B Datasheet HTML 19Page - Integrated Circuit Systems ICS1562B Datasheet HTML 20Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AC Characteristics
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
Fvco
VCO Frequency (see Note 1)
40
260
MHz
Fxtal
Crystal Frequency
5
20
MHz
Cpar
Crystal Oscillator Loading Capacitance
20
pf
Fload
LOAD Frequency
80
MHz
Txhi
XTAL1 High Time (when driven externally)
8
ns
Txlo
XTAL1 Low Time (when driven externally)
8
ns
Tlock
PLL Acquire Time (to within 1%)
500
µs
Idd
VDD Supply Current
15
t.b.d.
mA
Iddo
VDDO Supply Current (excluding CLK+/
−
termination)
20
t.b.d.
mA
Thigh
Differential Clock Output Duty Cycle
(see Note 2)
45
55
%
Jclk
Differential Clock Output Cumulative Jitter
(see Note 3)
<0.06
pixel
DIGITAL INPUTS - ICS1562B-001
1
Address Setup Time
10
ns
2
Address Hold Time
10
ns
3
Data Setup Time
10
ns
4
Data Hold Time
10
ns
5
STROBE Pulse Width (Thi or Tlo)20
ns
DIGITAL INPUTS - ICS1562B-201
6
DATA/HOLD~ Setup Time
10
ns
7
DATA/HOLD~ Hold Time
10
ns
8
DATCLK Pulse Width (Thi or Tlo)20
ns
PIPELINE DELAY RESET
9
Reset Activation Time
2*Tclk
ns
10
Reset Duration
4*Tload
ns
11
Restart Delay
2*Tload
ns
12
Restart Matching
-1*Tclk
+1.5*Tclk
ns
DIGITAL OUTPUTS
13
CLK+/CLK
− Clock Rate
260
MHz
14
LOAD To LD/N2 Skew (Shift Clock Mode)
-2
0
+2
ns
Note 1: Use of the post-divider is required for frequencies lower than 40 MHz on CLK+ & CLK- outputs. Use of the post-divider
is recommended for output frequencies lower than 65 MHz.
Note 2: Using load circuit of Figure 6. Duty cycle measured at zero crossings of difference voltage between CLK+ and CLK-.
Note 3: Cumulative jitter is defined as the maximum error (in the domain) if any CLK edge, at any point in time, compared with
the equivalent edge generated by an ideal frequency source.
ICS laboratory testing indicates that the typical value shown above can be treated as a maximum jitter specification in
virtually all applications. Jitter performance can depend somewhat on circuit board layout, decoupling, and register
programming.
ICS1562B
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com