Electronic Components Datasheet Search
  English  ▼

X  

ICS1562B Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS1562B
Description  User Programmable Differential Output Graphics Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1562B Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS1562B Datasheet HTML 8Page - Integrated Circuit Systems ICS1562B Datasheet HTML 9Page - Integrated Circuit Systems ICS1562B Datasheet HTML 10Page - Integrated Circuit Systems ICS1562B Datasheet HTML 11Page - Integrated Circuit Systems ICS1562B Datasheet HTML 12Page - Integrated Circuit Systems ICS1562B Datasheet HTML 13Page - Integrated Circuit Systems ICS1562B Datasheet HTML 14Page - Integrated Circuit Systems ICS1562B Datasheet HTML 15Page - Integrated Circuit Systems ICS1562B Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
BIT(S)
BIT REF.
DESCRIPTION
13-14
S[0]..S[1]
PLL post-scaler/test mode select bits.
S[1] S[0]
DESCRIPTION
0
0
Post-scaler=1. F(CLK)=F(PLL). The output of the N1 divider
drives the LOAD output which, in turn, drives the N2 divider.
0
1
Post-scaler=2. F(CLK)=F(PLL)/2. The output of the N1 divider
drives the LOAD output which, in turn, drives the N2 divider.
1
0
Post-scaler=4. F(CLK)=F(PLL)/4. The output of the N1 divder
drives the LOAD output which, in turn, drives the N2 divider.
1
1
AUXEN CLOCK MODE. The AUXCLK bit drives the differential
outputs CLK+ and CLK- and the AUXN1 bit drives the LOAD
output which, in turn, drives the N2 divider.
15
AUX_CLK
When in the AUXEN clock mode, this bit controls the differential outputs.
16
AUX_N1
When in the AUXEN clock mode, this bit controls the N1 output (and
consequently the N2 output according to its programming). When not in
the AUXEN clock mode, this bit, if set to one, will override the N1 divider
modulus and output the VCO frequency divided by two [F(PLL)/2] at the
LOAD output.
17-24
N2[0]..N2[7]
 Sets the modulus of the N2 divider. The input of the N2 divider is the
28
N2[8]
 output of the N1 divider in all clock modes except AUXEN.
25-27
V[0]..V[2]
Sets the gain of VCO according to this table.
V[2]
V[1]
V[0]
VCO GAIN
(MHz/VOLT)
100
30
101
45
110
60
111
80
29-30
P[0]..P[1]
Sets the gain of the phase detector according to this table.
P[1]
P[0]
GAIN (uA/radian)
00
0.05
01
0.15
10
0.5
11
1.5
31
RESERVED
Set to zero.
32
P[2]
Phase detector tuning bit. Should normally be set to one.
ICS1562B
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com