Electronic Components Datasheet Search
  English  ▼

X  

MAX30002 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX30002
Description  Ultra-Low-Power, Single-Channel Integrated Bioimpedance (BioZ) AFE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30002 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX30002 Datasheet HTML 2Page - Maxim Integrated Products MAX30002 Datasheet HTML 3Page - Maxim Integrated Products MAX30002 Datasheet HTML 4Page - Maxim Integrated Products MAX30002 Datasheet HTML 5Page - Maxim Integrated Products MAX30002 Datasheet HTML 6Page - Maxim Integrated Products MAX30002 Datasheet HTML 7Page - Maxim Integrated Products MAX30002 Datasheet HTML 8Page - Maxim Integrated Products MAX30002 Datasheet HTML 9Page - Maxim Integrated Products MAX30002 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
(VDVDD = VAVDD = +1.1V to +2.0V, VOVDD = +1.65V to +3.6V, fFCLK = 32.768kHz, LN_BIOZ = 1, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at VDVDD = VAVDD = +1.8V, VOVDD = +2.5V, TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Analog Supply Voltage
VAVDD
Connect AVDD to DVDD
1.1
2.0
V
Digital Supply Voltage
VDVDD Connect DVDD to AVDD
1.1
2.0
V
Interface Supply Voltage
VOVDD Power for I/O drivers only
1.65
3.6
V
Supply Current
IAVDD +
IDVDD
BioZ channel ,
LN_BIOZ = 0
CGMAG[2:0] = 011
VAVDD = VDVDD = +1.1V
144
µA
VAVDD = VDVDD = +1.8V
163
VAVDD = VDVDD = +2.0V
170
190
BioZ channel ,
LN_BIOZ = 1
CGMAG[2:0] = 011
VAVDD = VDVDD = +1.1V
158
VAVDD = VDVDD = +1.8V
178
VAVDD = VDVDD = +2.0V
185
205
ULP Lead On
Detect
TA = +70ºC
1.3
TA = +25ºC
0.63
2.5
Interface Supply Current
IOVDD
VOVDD = +1.65V, BioZ channel at 64sps
(Note 7)
0.1
µA
VOVDD = 3.6V, BioZ channel at 64sps
(Note 7)
0.2
1.1
Shutdown Current
ISAVDD +
ISDVDD
VAVDD = VDVDD
= 2.0V
TA = +70ºC
1.3
µA
TA = +25ºC
0.58
2.5
ISOVDD VOVDD = 3.6V, VAVDD = VDVDD = 2.0V
1.1
ESD PROTECTION
BIP, BIN, DRVP, DRVN
IEC 61000-4-2 Contact Discharge (Note 8)
±8
kV
IEC 61000-4-2 Air-Gap Discharge (Note 8)
±15
HMM (Human Metal Model)
±8
TIMING CHARACTERISTICS (NOTE 3)
SCLK Frequency
fSCLK
0
12
MHz
SCLK Period
tCP
83
ns
SCLK Pulse Width High
tCH
15
ns
SCLK Pulse Width Low
tCL
15
ns
CSB Fall to SCLK Rise Setup
Time
tCSS0
To 1st SCLK rising edge (RE)
15
ns
CSB Fall to SCLK Rise Hold
Time
tCSH0
Applies to inactive RE preceding 1st RE
0
ns
CSB Rise to SCLK Rise Hold
Time
tCSH1
Applies to 32nd RE, executed write
10
ns
CSB Rise to SCLK Rise
tCSA
Applies to 32nd RE, aborted write sequence
15
ns
Electrical Characteristics (continued)
MAX30002
Ultra-Low-Power, Single-Channel Integrated
Bioimpedance (BioZ) AFE
www.maximintegrated.com
Maxim Integrated │ 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com