Electronic Components Datasheet Search
  English  ▼

X  

MAX30002 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX30002
Description  Ultra-Low-Power, Single-Channel Integrated Bioimpedance (BioZ) AFE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30002 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX30002 Datasheet HTML 8Page - Maxim Integrated Products MAX30002 Datasheet HTML 9Page - Maxim Integrated Products MAX30002 Datasheet HTML 10Page - Maxim Integrated Products MAX30002 Datasheet HTML 11Page - Maxim Integrated Products MAX30002 Datasheet HTML 12Page - Maxim Integrated Products MAX30002 Datasheet HTML 13Page - Maxim Integrated Products MAX30002 Datasheet HTML 14Page - Maxim Integrated Products MAX30002 Datasheet HTML 15Page - Maxim Integrated Products MAX30002 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
BUMP
PIN
NAME
FUNCTION
WLP
TQFN
C5
12
DGND
Digital Ground for Both Digital Core and I/O Pad Drivers. Recommended to connect
to AGND plane.
C6
11
CPLL
PLL Loop Filter Input. Connect 1nF capacitor between CPLL and AGND.
D1
23
VREF
ADC Reference Buffer Output. Connect a 10μF X5R ceramic capacitor between
VREF and AGND.
D2
21
INTB
Interrupt Output. INTB is an active-low status output. It can be used to interrupt an
external device. INTB is three-stated when disabled.
D3
19
OVDD
Logic Interface Supply Voltage.
D5
14
FCLK
32.768kHz Clock Input. FCLK Controls the sampling of the internal sigma-delta
converter and decimator and derives all the internal clocks.
D6
13
DVDD
Digital Core Supply Voltage. Connect to AVDD.
E1
22
AVDD
Analog Core Supply Voltage. Connect to DVDD.
E2
20
INT2B
Interrupt 2 Output. INT2B is an active-low status output. It can be used to interrupt
an external device. INT2B is three-stated when disabled.
E3
18
SDO
Serial Data Output. SDO will change state on the falling edge of SCLK when CSB is
low. SDO is three-stated when CSB is high.
E4
17
SDI
Serial Data Input. SDI is sampled into the device on the rising edge of SCLK when
CSB is low.
E5
16
SCLK
Serial Clock Input. Clocks data in and out of the serial interface when CSB is low.
E6
15
CSB
Active-Low Chip-Select Input. Enables the serial interface.
—
Exposed Pad. Connect EP to AGND.
Pin Description (continued)
MAX30002
Ultra-Low-Power, Single-Channel Integrated
Bioimpedance (BioZ) AFE
www.maximintegrated.com
Maxim Integrated │ 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com