Electronic Components Datasheet Search
  English  ▼

X  

MAX30002 Datasheet(PDF) 36 Page - Maxim Integrated Products

Part # MAX30002
Description  Ultra-Low-Power, Single-Channel Integrated Bioimpedance (BioZ) AFE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30002 Datasheet(HTML) 36 Page - Maxim Integrated Products

Back Button MAX30002 Datasheet HTML 32Page - Maxim Integrated Products MAX30002 Datasheet HTML 33Page - Maxim Integrated Products MAX30002 Datasheet HTML 34Page - Maxim Integrated Products MAX30002 Datasheet HTML 35Page - Maxim Integrated Products MAX30002 Datasheet HTML 36Page - Maxim Integrated Products MAX30002 Datasheet HTML 37Page - Maxim Integrated Products MAX30002 Datasheet HTML 38Page - Maxim Integrated Products MAX30002 Datasheet HTML 39Page - Maxim Integrated Products MAX30002 Datasheet HTML 40Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Table 25. CNFG_BIOZ (0x18) Register Functionality (continued)
INDEX
NAME
DEFAULT
FUNCTION
D[13:12]
DLPF[1:0]
01
BIOZ Channel Digital Low-Pass Filter Cutoff Frequency
00 = Bypass (Decimation only, no FIR filter)
01 = 4Hz
10 = 8Hz
11 = 16Hz (Available for 64, 62.5, 50, and 49.95sps BIOZ Rate selections only)
Note: See Table 39 below. If an unsupported DLPF setting is specified, the 4Hz
setting (DLPF[1:0] = 01) will be used internally; the CNFG_BIOZ register will continue
to hold the value as written, but return the effective internal value when read back.
D[11:8]
FCGEN[3:0]
1000
BIOZ Current Generator Modulation Frequency
0000 = 4*fMSTR
(approximately 128000Hz) 1000 = fMSTR/64 (approximately 500Hz)
0001 ≈ 2*fMSTR
(approximately 80000Hz) 1001 = fMSTR/128 (approximately 250Hz)
0010 ≈ fMSTR
(approximately 40000Hz) 101x = fMSTR/256 (approximately 125Hz)
0011 ≈ fMSTR/2
(approximately 18000Hz) 11xx = fMSTR/256 (approximately 125Hz)
0100 = fMSTR/4
(approximately 8000Hz)
0101 = fMSTR/8
(approximately 4000Hz)
0110 = fMSTR/16 (approximately 2000Hz)
0111 = fMSTR/32 (approximately 1000Hz)
Actual frequencies determined by FMSTR selection, see CNFG_GEN register and
table below for details.
D[7]
CGMON
0
BIOZ Current Generator Monitor
0 = Current Generator Monitors disabled
1 = Current Generator Monitors enabled, requires active BIOZ channel and Current
Generators. Enables BCGMON interrupt and status bit behavior. Monitors current
source compliance levels, useful in detecting DRVP/DRVN lead off conditions with 4
electrode BIOZ applications.
D[6:4]
CGMAG[2:0]
000
BIOZ Current Generator Magnitude
000 = Off (DRVP and DRVN floating, Current Generators Off)
001 = 8µA
010 = 16µA
011 = 32µA
100 = 48µA
101 = 64µA
110 = 80µA
111 = 96µA
See Table 40 and 41 below for a list of allowed CGMAG settings vs. FCGEN
selections.
D[3:0]
PHOFF[3:0]
0000
BIOZ Current Generator Modulation Phase Offset
Phase Resolution and Offset depends on FCGEN setting:
FCGEN[3:0] ≥ 0010: Phase Offset = PHOFF[3:0]*11.25° (0 to 168.75°)
FCGEN[3:0] = 0001: Phase Offset = PHOFF[3:1]*22.50° (0 to 157.50°)
FCGEN[3:0] = 0000: Phase Offset = PHOFF[3:2]*45.00° (0 to 135.00°)
MAX30002
Ultra-Low-Power, Single-Channel Integrated
Bioimpedance (BioZ) AFE
www.maximintegrated.com
Maxim Integrated │ 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com