Electronic Components Datasheet Search
  English  ▼

X  

MAX30002 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX30002
Description  Ultra-Low-Power, Single-Channel Integrated Bioimpedance (BioZ) AFE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30002 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX30002 Datasheet HTML 28Page - Maxim Integrated Products MAX30002 Datasheet HTML 29Page - Maxim Integrated Products MAX30002 Datasheet HTML 30Page - Maxim Integrated Products MAX30002 Datasheet HTML 31Page - Maxim Integrated Products MAX30002 Datasheet HTML 32Page - Maxim Integrated Products MAX30002 Datasheet HTML 33Page - Maxim Integrated Products MAX30002 Datasheet HTML 34Page - Maxim Integrated Products MAX30002 Datasheet HTML 35Page - Maxim Integrated Products MAX30002 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
CNFG_BMUX(0x17)
CNFG_BMUX is a read/write register which configures the operation, settings, and functionality of the input multiplexer
associated with the BIOZ channel.
Table 21. CNFG_BMUX (0x17) Register Map
Table 22. CNFG_BMUX (0x17) Register Functionality
REG
NAME
R/W
23/15/7
22/14/6
21/13/5
20/12/4
19/11/3
18/10/2
17/9/1
16/8/0
0x17 CNFG_
BMUX
R/W
x
x
OPENP
OPENN
CALP_SEL[1:0]
CALN_SEL[1:0]
x
x
CG_MODE[1:0]
EN_BIST
RNOM[2:0]
x
RMOD[2:0]
x
x
FBIST[1:0]
INDEX
NAME
DEFAULT
FUNCTION
D[21]
OPENP
1
Open the BIP Input Switch (most often used for testing and calibration)
0 = BIP is internally connected to the BIOZ channel
1 = BIP is internally isolated from the BIOZ channel
D[20]
OPENN
1
Open the BIN Input Switch (most often used for testing and calibration)
0 = BIN is internally connected to the BIOZ channel
1 = BIN is internally isolated from the BIOZ channel
D[19:18]
CALP_
SEL[1:0]
00
BIP Calibration Selection
00 = No calibration signal applied
01 = Input is connected to VMID
10 = Reserved. Do not use.
11 = Reserved. Do not use.
D[17:16]
CALN_
SEL[1:0]
00
BIN Calibration Selection
00 = No calibration signal applied
01 = Input is connected to VMID
10 = Reserved. Do not use.
11 = Reserved. Do not use.
D[13:12]
CG_
MODE[1:0]
00
BIOZ Current Generator Mode Selection
00 = Unchopped Sources with Low Pass Filter
(higher noise, excellent 50/60Hz rejection, recommended for BioZ applications)
01 = Chopped Sources without Low Pass Filter
(low noise, no 50/60Hz rejection, recommended for BioZ applications
with digital LPF, possibly battery powered BioZ applications)
10 = Chopped Sources with Low Pass Filter
(low noise, excellent 50/60Hz rejection)
11 = Chopped Sources with Resistive CM Setting
(Not recommended to be used for drive currents >32µA)
(low noise, excellent 50/60Hz rejection, lower input impedance)
D[11]
EN_BIST
0
BIOZ Modulated Resistance Built-In-Self-Test (RMOD BIST) Mode Enable
0 = RMOD BIST Disabled
1 = RMOD BIST Enabled
To avoid body interference, the BIP/N switches should be open in this mode.
When enabled, the DRVP/N isolation switches are opened and the DRVP/N-to-BIP/N
internal switches are engaged. Also, the lead bias resistors are applied to the BIOZ
inputs in 200MΩ mode.
MAX30002
Ultra-Low-Power, Single-Channel Integrated
Bioimpedance (BioZ) AFE
www.maximintegrated.com
Maxim Integrated │ 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com