Electronic Components Datasheet Search
  English  ▼

X  

MAX30002 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX30002
Description  Ultra-Low-Power, Single-Channel Integrated Bioimpedance (BioZ) AFE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30002 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX30002 Datasheet HTML 7Page - Maxim Integrated Products MAX30002 Datasheet HTML 8Page - Maxim Integrated Products MAX30002 Datasheet HTML 9Page - Maxim Integrated Products MAX30002 Datasheet HTML 10Page - Maxim Integrated Products MAX30002 Datasheet HTML 11Page - Maxim Integrated Products MAX30002 Datasheet HTML 12Page - Maxim Integrated Products MAX30002 Datasheet HTML 13Page - Maxim Integrated Products MAX30002 Datasheet HTML 14Page - Maxim Integrated Products MAX30002 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
BUMP
PIN
NAME
FUNCTION
WLP
TQFN
A1
1
DRVP
Positive Output Current Source for Bio-Impedance Excitation. Requires a series
capacitor between pin and electrode.
A2
2
DRVN
Negative Output Current Source for Bio-Impedance Excitation. Requires a series
capacitor between pin and electrode.
A3
4
BIN
Bioimpedance Negative Input.
A4
5
BIP
Bioimpedance Positive Input.
A5, A6, B5,
B6, C2
6, 7, 9,
10, 24
I.C.
Internally Connected. Connect to AGND.
B1
27
VBG
Bandgap Noise Filter Output. Connect a 1.0μF X7R ceramic capacitor between
VBG and AGND.
B2
26
RBIAS
External Resistor Bias. Connect a low tempco resistor between RBIAS and AGND.
If external bias generator is not used then RBIAS can be left floating.
B3, B4, C3,
C4, D4
3, 8, 28
AGND
Analog Power and Reference Ground. Connect into the printed circuit board ground
plane.
C1
25
VCM
Common Mode Buffer Output. Connect a 10μF X5R ceramic capacitor between
VCM and AGND.
MAX30002
TQFN
(5mm x 5mm)
*CONNECT EP TO AGND
*EP
VCM
RBIAS
VBG
DGND
CPLL
I.C.
I.C.
AGND
AGND
+
I.C.
DVDD
VREF
FCLK
AVDD
14
8
9
10
11
12
13
22
28
27
26
25
24
23
15
16
17
18
19
20
21
7
6
5
4
3
2
1
TEXTOP VIEW
(BUMP SIDE DOWN)
A
B
C
D
WLP
(2.7mm x 2.9mm)
MAX30002
E
DRVP
1
+
DRVN
2
BIN
3
BIP
I.C.
I.C.
VBG
RBIAS
AGND
AGND
I.C.
I.C.
VCM
I.C.
AGND
AGND
DGND
CPLL
VREF
INTB
OVDD
AGND
FCLK
DVDD
AVDD
INT2B
SDO
SDI
SCLK
CSB
4
5
6
Pin Configurations
Pin Description
MAX30002
Ultra-Low-Power, Single-Channel Integrated
Bioimpedance (BioZ) AFE
www.maximintegrated.com
Maxim Integrated │ 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com