Electronic Components Datasheet Search
  English  ▼

X  

MAX30002 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX30002
Description  Ultra-Low-Power, Single-Channel Integrated Bioimpedance (BioZ) AFE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30002 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX30002 Datasheet HTML 1Page - Maxim Integrated Products MAX30002 Datasheet HTML 2Page - Maxim Integrated Products MAX30002 Datasheet HTML 3Page - Maxim Integrated Products MAX30002 Datasheet HTML 4Page - Maxim Integrated Products MAX30002 Datasheet HTML 5Page - Maxim Integrated Products MAX30002 Datasheet HTML 6Page - Maxim Integrated Products MAX30002 Datasheet HTML 7Page - Maxim Integrated Products MAX30002 Datasheet HTML 8Page - Maxim Integrated Products MAX30002 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
(VDVDD = VAVDD = +1.1V to +2.0V, VOVDD = +1.65V to +3.6V, fFCLK = 32.768kHz, LN_BIOZ = 1, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at VDVDD = VAVDD = +1.8V, VOVDD = +2.5V, TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Resistive Load Nominal Value
RVAL
Programmable, see Register Map
0.625 to 5.0
kΩ
Resistive Load Modulation Value
RMOD
Programmable, see Register Map
15 to 2960
mΩ
Resistive Load Modulation
Frequency
FMOD
Programmable, see Register Map
0.625 to 4.0
Hz
INTERNAL REFERENCE/COMMON-MODE
VBG Output Voltage
VBG
0.650
V
VBG Output Impedance
100
kΩ
External VBG Compensation
Capacitor
CBG
1
µF
VREF Output Voltage
VREF
TA = +25ºC
0.995
1.000
1.005
V
VREF Temperature Coefficient
TCREF TA = 0ºC to +70ºC
10
ppm/ºC
VREF Buffer Line Regulation
330
µV/V
VREF Buffer Load Regulation
ILOAD = 0 to 100µA
25
µV/µA
External VREF Compensation
Capacitor
CREF
1
10
µF
VCM Output Voltage
VCM
0.650
V
External VCM Compensation
Capacitor
CCM
1
10
µF
DIGITAL INPUTS (SDI, SCLK, CSB, FCLK)
Input-Voltage High
VIH
0.7 x VOVDD
V
Input-Voltage Low
VIL
0.3 x VOVDD
V
Input Hysteresis
VHYS
0.05 x VOVDD
V
Input Capacitance
CIN
10
pF
Input Current
IIN
-1
+1
µA
DIGITAL OUTPUTS (SDO, INTB, INT2B)
Output Voltage High
VOH
ISOURCE = 1mA
VOVDD - 0.4
V
Output Voltage Low
VOL
ISINK = 1mA
0.4
V
Three-State Leakage Current
-1
+1
µA
Three-State Output
Capacitance
15
pF
Electrical Characteristics (continued)
MAX30002
Ultra-Low-Power, Single-Channel Integrated
Bioimpedance (BioZ) AFE
www.maximintegrated.com
Maxim Integrated │ 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com