Electronic Components Datasheet Search
  English  ▼

X  

MAX30002 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX30002
Description  Ultra-Low-Power, Single-Channel Integrated Bioimpedance (BioZ) AFE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30002 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX30002 Datasheet HTML 16Page - Maxim Integrated Products MAX30002 Datasheet HTML 17Page - Maxim Integrated Products MAX30002 Datasheet HTML 18Page - Maxim Integrated Products MAX30002 Datasheet HTML 19Page - Maxim Integrated Products MAX30002 Datasheet HTML 20Page - Maxim Integrated Products MAX30002 Datasheet HTML 21Page - Maxim Integrated Products MAX30002 Datasheet HTML 22Page - Maxim Integrated Products MAX30002 Datasheet HTML 23Page - Maxim Integrated Products MAX30002 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
SNR = 20log(VIN(RMS)/VN(RMS)), ENOB = (SNR – 1.76)/6.02
VINP-P = 100mV, VINRMS = 35.4mV for a gain of 10V/V. The input amplitude is reduced accordingly for high gain settings.
Table 3. BioZ Latency in Samples and Time as a Function of BioZ Data Rate and
Decimation
Table 4. BioZ Channel Noise Performance
BIOZ CHANNEL SETTINGS
LATENCY
INPUT
SAMPLE RATE
(Hz)
OUTPUT DATA
RATE (sps)
DECIMATION
RATIO
WITHOUT
LPF (INPUT
SAMPLES)
WITH LPF
(INPUT
SAMPLES)
WITHOUT
LPF(ms)
WITH LPF (ms)
32,768
64
512
3,397
6,469
103.668
197.418
32,000
62.5
512
3,397
6,469
106.156
202.156
32,000
50
640
5,189
9,029
162.156
282.156
31,968
49.95
640
5,189
9,029
162.319
282.439
32,768
32
1,024
7,557
13,701
230.621
418.121
32,000
31.25
1,024
7,557
13,701
236.156
428.156
32,000
25
1,280
9,605
17,285
300.156
540.156
31,968
24.975
1,280
9,605
17,285
300.457
540.697
GAIN
BANDWIDTH
NOISE
SNR
ENOB
V/V
Hz
µVRMS
µVP-P
dB
Bits
10
4
0.23
1.55
101.6
16.6
8
0.28
1.87
100.0
16.3
16
0.35
2.34
98.0
16.0
20
4
0.16
1.10
104.9
17.1
8
0.19
1.27
103.4
16.9
16
0.26
1.68
100.9
16.5
40
4
0.12
0.78
107.6
17.6
8
0.16
1.07
104.9
17.1
16
0.22
1.48
102.0
16.7
80
4
0.11
0.72
108.3
17.7
8
0.15
1.01
105.3
17.2
16
0.21
1.42
102.4
16.7
MAX30002
Ultra-Low-Power, Single-Channel Integrated
Bioimpedance (BioZ) AFE
www.maximintegrated.com
Maxim Integrated │ 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com