Electronic Components Datasheet Search
  English  ▼

X  

MAX30002 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX30002
Description  Ultra-Low-Power, Single-Channel Integrated Bioimpedance (BioZ) AFE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30002 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX30002 Datasheet HTML 3Page - Maxim Integrated Products MAX30002 Datasheet HTML 4Page - Maxim Integrated Products MAX30002 Datasheet HTML 5Page - Maxim Integrated Products MAX30002 Datasheet HTML 6Page - Maxim Integrated Products MAX30002 Datasheet HTML 7Page - Maxim Integrated Products MAX30002 Datasheet HTML 8Page - Maxim Integrated Products MAX30002 Datasheet HTML 9Page - Maxim Integrated Products MAX30002 Datasheet HTML 10Page - Maxim Integrated Products MAX30002 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
(VDVDD = VAVDD = +1.1V to +2.0V, VOVDD = +1.65V to +3.6V, fFCLK = 32.768kHz, LN_BIOZ = 1, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at VDVDD = VAVDD = +1.8V, VOVDD = +2.5V, TA = +25°C.) (Note 2)
Note 2:
All devices are 100% production tested at TA = +25ºC. Specifications over the operating temperature range and relevant
supply voltage range are guaranteed by design and characterization.
Note 3:
Guaranteed by design and characterization. Not tested in production.
Note 4:
Use this setting only for VAVDD = VDVDD ≥ 1.65V.
Note 5:
Use this setting only for VAVDD = VDVDD ≥ 1.55V.
Note 6:
Use this setting only for VAVDD = VDVDD ≥ 1.45V.
Note 7:
fSCLK = 4MHz, burst mode, BFIT[2:0] = 111, CSDO = CINTB = 50pF.
Note 8:
ESD test performed with 1kΩ series resistor designed to withstand 8kV surge voltage.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Rise to CSB Fall
tCSF
Applies to 32nd RE
100
ns
CSB Pulse-Width High
tCSPW
20
ns
SDI-to-SCLK Rise Setup Time
tDS
8
ns
SDI to SCLK Rise Hold Time
tDH
8
ns
SCLK Fall to SDO Transition
tDOT
CLOAD = 20pF
40
ns
CLOAD = 20pF, VAVDD = VDVDD ≥ 1.8V,
VDVDD ≥ 2.5V
20
ns
SCLK Fall to SDO Hold
tDOH
CLOAD = 20pF
2
ns
CSB Fall to SDO Fall
tDOE
Enable time, CLOAD = 20pF
30
ns
CSB Rise to SDO Hi-Z
tDOZ
Disable time
35
ns
FCLK Frequency
fFCLK
External reference clock
32.768
kHz
FCLK Period
tFP
30.52
µs
FCLK Pulse-Width High
tFH
50% duty cycle assumed
15.26
µs
FCLK Pulse-Width Low
tFL
50% duty cycle assumed
15.26
µs
Electrical Characteristics (continued)
MAX30002
Ultra-Low-Power, Single-Channel Integrated
Bioimpedance (BioZ) AFE
www.maximintegrated.com
Maxim Integrated │ 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com