Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 32 Page - Analog Devices

Part # LT3757
Description  PolyPhase Synchronous Boost Controller with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT3757 Datasheet HTML 28Page - Analog Devices LT3757 Datasheet HTML 29Page - Analog Devices LT3757 Datasheet HTML 30Page - Analog Devices LT3757 Datasheet HTML 31Page - Analog Devices LT3757 Datasheet HTML 32Page - Analog Devices LT3757 Datasheet HTML 33Page - Analog Devices LT3757 Datasheet HTML 34Page - Analog Devices LT3757 Datasheet HTML 35Page - Analog Devices LT3757 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
LTC7841
32
Rev. 0
For more information www.analog.com
turn-on of the bottom MOSFET of channel 1 to be locked
to the rising edge of an external clock signal applied to
the PLLIN/MODE pin. The turn-on of channel 2’s bottom
MOSFET is thus 180 degrees out-of-phase with the exter-
nal clock. The phase detector is an edge-sensitive digi-
tal type that provides zero degrees phase shift between
the external and internal oscillators. This type of phase
detector does not exhibit false lock to harmonics of the
external clock.
If the external clock frequency is greater than the internal
oscillator’s frequency, fOSC, then current is sourced con-
tinuously from the phase detector output, pulling up the
VCO input. When the external clock frequency is less than
fOSC, current is sunk continuously, pulling down the VCO
input. If the external and internal frequencies are the same
but exhibit a phase difference, the current sources turn
on for an amount of time corresponding to the phase dif-
ference. The voltage at the VCO input is adjusted until the
phase and frequency of the internal and external oscilla-
tors are identical. At the stable operating point, the phase
detector output is high impedance and the internal filter
capacitor, CLP , holds the voltage at the VCO input.
Typically, the external clock (on the PLLIN/MODE pin)
input high threshold is 1.6V, while the input low thresh-
old is 1.2V.
Note that the LTC7841 can only be synchronized to
an external clock whose frequency is within range of
the LTC7841’s internal VCO, which is nominally 55kHz
to 1MHz. This is guaranteed to be between 75kHz
and 850kHz.
Rapid phase locking can be achieved by using the FREQ
pin to set a free-running frequency near the desired syn-
chronization frequency. The VCO’s input voltage is prebi-
ased at a frequency corresponding to the frequency set
by the FREQ pin. Once prebiased, the PLL only needs
to adjust the frequency slightly to achieve phase lock
and synchronization. Although it is not required that the
free-running frequency be near external clock frequency,
doing so will prevent the operating frequency from pass-
ing through a large range of frequencies as the PLL locks.
APPLICATIONS INFORMATION
Figure 14.
FREQ PIN RESISTOR (k)
15
600
800
1000
35 45 55
25
7841 F14
400
200
500
700
900
300
100
0
65 75 85 95 105 115 125
Relationship Between Oscillator
Frequency and Resistor Value at the FREQ Pin
Table 3 summarizes the different states in which the FREQ
pin can be used.
Table 3.
FREQ PIN
PLLIN/MODE PIN
FREQUENCY
0V
DC Voltage
350kHz
INTVCC
DC Voltage
535kHz
Resistor
DC Voltage
50kHz to 900kHz
Any of the Above
External Clock
Phase Locked to
External Clock
Minimum On-Time Considerations
Minimum on-time, tON(MIN), is the smallest time duration
that the LTC7841 is capable of turning on the bottom
MOSFET. It is determined by internal timing delays and
the gate charge required to turn on the bottom MOSFET.
Low duty cycle applications may approach this minimum
on-time limit.
In forced continuous mode, if the duty cycle falls below
what can be accommodated by the minimum on-time, the
controller will begin to skip cycles but the output will con-
tinue to be regulated. More cycles will be skipped when
VIN increases. Once VIN rises above VOUT, the loop keeps
the top MOSFET continuously on. The minimum on-time
for the LTC7841 is approximately 110ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com