Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 16 Page - Analog Devices

Part # LT3757
Description  PolyPhase Synchronous Boost Controller with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices LT3757 Datasheet HTML 14Page - Analog Devices LT3757 Datasheet HTML 15Page - Analog Devices LT3757 Datasheet HTML 16Page - Analog Devices LT3757 Datasheet HTML 17Page - Analog Devices LT3757 Datasheet HTML 18Page - Analog Devices LT3757 Datasheet HTML 19Page - Analog Devices LT3757 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
LTC7841
16
Rev. 0
For more information www.analog.com
OPERATION
Main Control Loop
The LTC7841 uses a constant-frequency, current mode
step-up architecture with the two controller channels
operating out of phase. During normal operation, each
external bottom MOSFET is turned on when the clock for
that channel sets the RS latch, and is turned off when the
main current comparator, ICMP, resets the RS latch. The
peak inductor current at which ICMP trips and resets the
latch is controlled by the voltage on the ITH pin, which is
the output of the error amplifier EA. The error amplifier
compares the output voltage feedback signal at the VFB
pin (which is generated with an external resistor divider
connected across the output voltage, VOUT, to ground),
to the internal reference voltage. In a boost converter, the
required inductor current is determined by the load cur-
rent, VIN and VOUT. When the load current increases, it
causes a slight decrease in VFB relative to the reference,
which causes the EA to increase the ITH voltage until the
average inductor current in each channel matches the new
requirement based on the new load current.
After the bottom MOSFET is turned off each cycle, the
top MOSFET is turned on until either the inductor current
starts to reverse, as indicated by the current comparator,
IREV, or the beginning of the next clock cycle.
INTVCC/EXTVCC Power
Power for the top and bottom MOSFET drivers and most
other internal circuitry is derived from the INTVCC pin.
When the EXTVCC pin is tied to a voltage less than 4.8V,
the VBIAS LDO (low dropout linear regulator) supplies
5.4V from VBIAS to INTVCC. If EXTVCC is taken above
4.8V, the VBIAS LDO is turned off and an EXTVCC LDO is
turned on. Once enabled, the EXTVCC LDO supplies 5.4V
from EXTVCC to INTVCC. Using the EXTVCC pin allows the
INTVCC power to be derived from an external source, thus
removing the power dissipation of the VBIAS LDO.
Shutdown (RUN Pin)
The two internal controllers of the LTC7841 can be shut
down using the RUN pin. Pulling this pin below 1.28V
shuts down the main control loops for both phases and
the serial interface. Pulling this pin below 0.7V disables
both channels and most internal circuits, including the
INTVCC LDOs. In this state, the LTC7841 draws only 8μA
of quiescent current.
NOTE: Do not apply a heavy load for an extended time
while the chip is in shutdown. The top MOSFETs are
turned off during shutdown and the output load may
cause excessive dissipation in the body diodes.
The RUN pin may be externally pulled up or driven directly
by logic. When driving the RUN pin with a low impedance
source, do not exceed the absolute maximum rating of
8V. The RUN pin has an internal 11V voltage clamp that
allows the RUN pin to be connected through a resistor to
a higher voltage (for example, VIN), as long as the maxi-
mum current into the RUN pin does not exceed 100μA.
An external resistor divider connected to VIN can set the
threshold for converter operation. Once running, a 4.5μA
current is sourced from the RUN pin allowing the user to
program hysteresis using the resistor values.
Standby Mode
Standby mode is invoked by clearing the ON bit in the
OPERATION command. Standby mode shuts down the
main control loops for both phases like the RUN pin shut-
down, however leaves the ADC and PMBus still active.
In standby mode, the LTC7841 will still respond to the
PMBus host but will only refresh the telemetry at a 1Hz
rate instead of 25Hz. Exiting standby mode (setting ON bit
back to 1) resets all faults and the ALERT pin. Data writ-
ten to internal registers is not affected by standby mode.
Pulling RUN pin below 1.28V overrides the Standby mode
and turns off the ADC and PMBus. When RUN returns
above 1.28V, the ON bit is initialized to 0 and thus must
be set to 1 to turn the control loop back on.
Table 1. Summary of Shutdown Modes
Input Conditions
ON/OFF States
IQ
RUN Pin
ON bit VOUT PMBus
ADC
RUN < 0.7V
X
OFF
OFF
OFF
8µA
0.7V < RUN < 1.28V
X
OFF
OFF
OFF
350µA
RUN > 1.28V
0
OFF
ON
1Hz Refresh
1mA
RUN > 1.28V
1
ON
ON
25Hz
Refresh
1mA to
2mA
(Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com