Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 9 Page - Analog Devices

Part # LT3757
Description  PolyPhase Synchronous Boost Controller with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3757 Datasheet HTML 5Page - Analog Devices LT3757 Datasheet HTML 6Page - Analog Devices LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices LT3757 Datasheet HTML 10Page - Analog Devices LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
LTC7841
9
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Soft-Start Pull-Up Current vs
Temperature
Shutdown Current vs Temperature
Shutdown Current vs Input
Voltage
Quiescent Current vs Temperature
Shutdown (RUN) Threshold vs
Temperature
Undervoltage Lockout Threshold
vs Temperature
INTVCC Line Regulation
INTVCC vs INTVCC Load Current
EXTVCC Switchover and INTVCC
Voltages vs Temperature
TEMPERATURE (°C)
–50
0
50
100
150
9.0
9.5
10.0
10.5
11.0
11.5
12.0
vs Temperature
Soft-Start Pull-Up Current
7841 G10
VIN = 12V
TEMPERATURE (°C)
–50
0
50
100
150
0
1
2
3
4
5
6
7
Shutdown Current vs Temperature
7841 G11
INPUT VOLTAGE (V)
7.5
7841 G12
0
5.0
12.5
10.0
2.5
5
15
10
20 25
40 45 50
35
30
65
55 60
VIN = 12V
VIN = 12V
VFB = 1.25V
TEMPERATURE (°C)
–50
0
50
100
150
0
500
1000
1500
vs Temperature
Quiescent Current
7841 G13
RUN Rising
RUN Falling
TEMPERATURE (°C)
–50
0
50
100
150
1.0
1.1
1.2
1.3
1.4
vs Temperature
Shutdown (RUN) Threshold
7841 G14
TEMPERATURE (°C)
3.6
4.1
4.2
4.3
4.4
3.9
3.5
4.0
3.4
3.8
3.7
7841 G15
–60
15
–35 –10
40 65 90
140
115
INTVCC RISING
INTVCC FALLING
INPUT VOLTAGE (V)
5.2
7841 G16
4.5
5.1
5.5
5.4
5.3
5.0
4.9
4.8
4.7
4.6
0 5 10
45 50 55
30 35 40
15 20 25
60 65
INTVCC LOAD CURRENT (mA)
0
5.35
5.40
5.45
140
5.30
5.25
40
80
20
180
60
100
160
120
200
5.20
5.00
5.10
5.05
5.15
5.50
7841 G17
EXTVCC = 0V
EXTVCC = 6V
VIN = 12V
TEMPERATURE (°C)
4.0
4.2
4.6
4.8
5.0
6.0
5.4
4.4
5.6
5.8
5.2
7841 G18
–60
15
–35 –10
40 65 90
140
115
INTVCC
EXTVCC RISING
EXTVCC FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com