Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 40 Page - Analog Devices

Part # LT3757
Description  PolyPhase Synchronous Boost Controller with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 40 Page - Analog Devices

Back Button LT3757 Datasheet HTML 36Page - Analog Devices LT3757 Datasheet HTML 37Page - Analog Devices LT3757 Datasheet HTML 38Page - Analog Devices LT3757 Datasheet HTML 39Page - Analog Devices LT3757 Datasheet HTML 40Page - Analog Devices LT3757 Datasheet HTML 41Page - Analog Devices LT3757 Datasheet HTML 42Page - Analog Devices LT3757 Datasheet HTML 43Page - Analog Devices LT3757 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
LTC7841
40
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS
MFR_RESET
This command provides a means by which the user can
perform a reset of the LTC7841. All latched faults (ALERT
and status register) and register (telemetry, margin, con-
fig etc) contents will be reset to a power-on condition by
this command. ASEL config resistor is re-measured.
Since the power-on condition for OPERATION ON bit and
MFR_VOUT_COMMAND are zero, VOUT will be turned off
by MFR_RESET and require writing to these registers
again to turn VOUT back on.
This write-only command accepts zero, one, or two data
bytes but ignores them.
MFR_RAIL_ADDRESS
The MFR_RAIL_ADDRESS command allows all devices
to share a common address, such as all devices attached
to a single power supply rail. The desired 7-bit address
value is written to the 7 bits of the data byte.
The MSB (bit B7) must be set low to enable communi-
cation using the MFR_RAIL_ADDRESS address. Setting
this bit disables this address. The default setting of this
register is disabled.
Figure 20.
7841 F20
B7
B0
7-BIT ADDRESS
CLEAR B7 TO ENABLE RAIL ADDRESS
MFR_RAIL_ADDRESS Data Byte
The user should only perform command writes to this
address. If a read is performed from this address and
the rail devices do not respond with EXACTLY the same
value, the LTC7841 will detect bus contention and set a
CML communications fault.
This command accepts one or two data bytes but the
second is ignored.
OPERATION
The OPERATION command is used to turn the unit on/off
and for margining the output voltage.
Clearing the ON bit turns off the output voltage with
PMBus interface still active and telemetry data refreshed
at a slower 1Hz rate to minimize supply current. The
ON bit is automatically reset to OFF after a master shut-
down (RUN pin < 1.28V), power cycle, or MFR_RESET
command.
The MARGIN_HIGH/LOW bits command the VOUT ref-
erence to the value stored in either the MFR_VOUT_
MARGIN_HIGH or MFR_VOUT_MARGIN_LOW, resp. at
the slew rate set by the CSLEW capacitor. Cycling the ON
bit has no affect on the margin registers and thus when
re-asserting ON, VOUT will return to the state it was in
prior to the shutdown.
Margin high (ignore faults) and margin low (ignore faults)
operations are not supported by the LTC7841.
This command has one data byte. It will accept one or two
but ignore the second byte.
Table 6. Supported OPERATION Command Register Values
ACTION
VALUE
Turn off immediately
0x00 (default)
Turn on
0x80
Margin Low
0x98
Margin High
0xA8
VOUT_MODE
VOUT_MODE command specifies the formatting for read-
ing output voltage. The data byte always reads 0x3F for
VID data format and cannot be changed. Attempts to write
to VOUT_MODE will set a CML fault.
This read-only command has one data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com