Electronic Components Datasheet Search
  English  ▼

X  

ML7022 Datasheet(PDF) 4 Page - OKI electronic componets

Part # ML7022
Description  Single Rail Dual Channel PCM CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7022 Datasheet(HTML) 4 Page - OKI electronic componets

  ML7022 Datasheet HTML 1Page - OKI electronic componets ML7022 Datasheet HTML 2Page - OKI electronic componets ML7022 Datasheet HTML 3Page - OKI electronic componets ML7022 Datasheet HTML 4Page - OKI electronic componets ML7022 Datasheet HTML 5Page - OKI electronic componets ML7022 Datasheet HTML 6Page - OKI electronic componets ML7022 Datasheet HTML 7Page - OKI electronic componets ML7022 Datasheet HTML 8Page - OKI electronic componets ML7022 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
FEDL7022-01-06
1Semiconductor
ML7022-01
4/20
PIN DESCRIPTIONS
Pin
Symbol
Type
Description
1V
DD
—
Power Supply *
2
TEST1
I
Device Test Pin 1
3
TEST2
I
Device Test Pin 2
4
AIN1
I
Channel-1 Transmit Op-amp Input
5
GSX1
O
Channel-1 Transmit Op-amp Output
6
AOUT1
O
Channel-1 Receive Output
7
TEST3
I
Device Test Pin 3
8
AG
—
Analog Ground
9
SGC
O
Signal Ground
10
AOUT2
O
Channel-2 Receive Output
11
GSX2
O
Channel-2 Transmit Op-amp Output
12
AIN2
I
Channel-2 Transmit Op-amp Input
13
TEST4
I
Device Test Pin 4
14
TEST5
I
Device Test Pin 5
15
V
DD
—
Power Supply *
16
TEST6
I
Device Test Pin 6
17
C1B
O
C1B Bit Latched Output
18
C2B
O
C2B Bit Latched Output
19
C3B
O
C3B Bit Latched Output
20
MCK
I
Master Clock (4.096 MHz)
21
BCLK
I
Shift Clock for the DIN and DOUT
22
DIN
I
Data Input
23
DOUT
O
Data Output
24
DG
—
Digital Ground
25
XSYNC
I
Transmit Synchronizing Signal
26
RSYNC
I
Receive Synchronizing Signal
27
C3A
O
C3A Bit Latched Output
28
C2A
O
C2A Bit Latched Output
29
C1A
O
C1A Bit Latched Output
30
PDN
I
Power Down Control
* V
DD of pin 1 and VDD of pin 15 are connected internally, but these pins must be connected on the printed
circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com