Electronic Components Datasheet Search
  English  ▼

X  

ML7022 Datasheet(PDF) 8 Page - OKI electronic componets

Part # ML7022
Description  Single Rail Dual Channel PCM CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7022 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button ML7022 Datasheet HTML 4Page - OKI electronic componets ML7022 Datasheet HTML 5Page - OKI electronic componets ML7022 Datasheet HTML 6Page - OKI electronic componets ML7022 Datasheet HTML 7Page - OKI electronic componets ML7022 Datasheet HTML 8Page - OKI electronic componets ML7022 Datasheet HTML 9Page - OKI electronic componets ML7022 Datasheet HTML 10Page - OKI electronic componets ML7022 Datasheet HTML 11Page - OKI electronic componets ML7022 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
FEDL7022-01-06
1Semiconductor
ML7022-01
8/20
AC Characteristics (Continued)
(V
DD = 4.75 to 5.25 V, Ta = –40 to +85°C)
Condition
Parameter
Symbol
Freq.
(Hz)
Level
(dBm0)
Min.
Typ.
Max.
Unit
AV
T
GSXn to DOUT
V
DD = 5 V,
Ta = 25
°C
0.535
0.555
0.574
Absolute Level
(Initial Difference)
AV
R
DIN to AOUTn
V
DD = 5 V,
Ta = 25
°C
0.806
0.835
0.864
Vrms
AV
TT
–0.3
—
0.3
Absolute level
(Deviation of
Temperature and
power)
AV
RT
1020
0
V
DD = 4.75 to 5.25 V
Ta = –40 to 85
°C
–0.3
—
0.3
dB
Absolute Delay
T
D
1020
0
A to A Mode
BCLK = 2048 kHz
—
0.58
0.6
ms
T
GD T1
500
—
0.26
0.75
T
GD T2
600
—
0.16
0.35
T
GD T3
1000
—
0.02
0.125
T
GD T4
2600
—
0.05
0.125
Transmit Group Delay
T
GD T5
2800
0*3
—
0.07
0.75
ms
T
GD R1
500
—
0.00
0.75
T
GD R2
600
—
0.00
0.35
T
GD R3
1000
—
0.00
0.125
T
GD R4
2600
—
0.09
0.125
Receive Group Delay
T
GD R5
2800
0*3
—
0.12
0.75
ms
CR
T
Trans to Receive
75
83
—
CR
R
Receive to Trans
75
80
—
Cross Talk
Attenuation
CR
CH
1020
0
Channel to Channel
75
78
—
dB
Discrimination
DIS
4.6 to 72k
0
0 to 4 kHz
30
32
—
dB
Out of Band Spurious
OBS
300 to
3.4k
0
4.6 kHz to 1000 kHz
—
–37.5
–35
dB
SFD
T
—
–50
–40
Signal Frequency
Distortion
SFD
R
1020
0
0 to 4 kHz
—
–48
–40
dBm0
IMD
T
—
–50
–40
Intermoduration
Distortion
IMD
R
fa = 470
fb = 320
–4
2 fa - fb
—
–54
–40
dBm0
PSR
T1
0 to 4k
40
44
—
PSR
T2
4 to 50k
50
55
—
PSR
R1
0 to 4k
40
45
—
Power Supply Noise
Rejection Ratio
PSR
R2
4 to 50k
100
mVrms
*4
50
56
—
dB
T
SD
20
—
100
T
XD1
20
—
100
T
XD2
DOUT
Pull-up resister = 0.5 k
Ω
C
L = 50 pF and 1 LSTTL
20
—
100
ns
Digital Output
Delay Time
T
PDC
C1A, C2A, C3A, C1B, C2B, C3B
C
L = 50 pF and 1 LSTTL
20
—
1000
ns
DOUT Operation
Delay Time
T
DDO
Time of operation start after power on
—
4
—
ms
AOUT Signal Output
Delay Time
T
DAO
Time of base band signal output start
after power on
—4
—
ms
*3 Minimum value of the group delay distortion
*4 The measurement under idle channel noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com