Electronic Components Datasheet Search
  English  ▼

X  

ML7022 Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML7022
Description  Single Rail Dual Channel PCM CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7022 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML7022 Datasheet HTML 3Page - OKI electronic componets ML7022 Datasheet HTML 4Page - OKI electronic componets ML7022 Datasheet HTML 5Page - OKI electronic componets ML7022 Datasheet HTML 6Page - OKI electronic componets ML7022 Datasheet HTML 7Page - OKI electronic componets ML7022 Datasheet HTML 8Page - OKI electronic componets ML7022 Datasheet HTML 9Page - OKI electronic componets ML7022 Datasheet HTML 10Page - OKI electronic componets ML7022 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
FEDL7022-01-06
1Semiconductor
ML7022-01
7/20
Receive Analog Interface Characteristics
(V
DD = 4.75 to 5.25 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Output Load Resistance
R
LAO
AOUT1, AOUT2 (each)
with respect to SG
0.6
—
—
k
Ω
Output Load Capacitance
C
LAO
AOUT1, AOUT2
—
—
50
pF
Output Amplitude
V
OAO
AOUT1, AOUT2, R
LAO = 0.6 kΩ
with respect to SG
–1.7
—
1.7
V
Offset Voltage
V
OSAO
AOUT1, AOUT2
with respect to SG
–100
—
100
mV
AC Characteristics
(V
DD = 4.75 to 5.25 V, Ta = –40 to +85°C)
Condition
Parameter
Symbol
Freq.
(Hz)
Level
(dBm0)
Min.
Typ.
Max.
Unit
Loss T1
60
25
45
—
Loss T2
300
–0.15
0.15
0.20
Loss T3
1020
Reference
Loss T4
3000
–0.15
0.02
0.20
Loss T5
3300
–0.15
0.1
0.80
Transmit
Frequency Response
Loss T6
3400
0
GSXn to DOUT
(Attenuation)
0
0.6
0.80
dB
Loss R1
100
–0.15
0.04
0.2
Loss R2
1020
Reference
Loss R3
3000
–0.15
0.07
0.2
Loss R4
3300
–0.15
0.2
0.8
Receive
Frequency Response
Loss R5
3400
0
DIN to AOUTn
(Attenuation)
00.6
0.8
dB
SDT1
3
36
43
—
SDT2
0
36
40
—
SDT3
–30
36
38
—
SDT4
–40
30
32
—
Transmit
Signal to Distortion
Ratio
SDT5
1020
–45
GSXn to DOUT
*2
25
29
—
dB
SDR1
3
36
42
—
SDR2
0
36
39
—
SDR3
–30
36
39
—
SDR4
–40
30
33
—
Receive
Signal to Distortion
Ratio
SDR5
1020
–45
DIN to AOUTn
*2
25
30
—
dB
GTT1
3
–0.2
0.02
0.2
GTT2
–10
Reference
GTT3
–40
–0.2
0.06
0.2
GTT4
–50
–0.6
0.4
0.6
Transmit
Gain Tracking
GTT5
1020
–55
GSXn to DOUT
–1.2
0.4
1.2
dB
GTR1
3
–0.2
0
0.2
GTR2
–10
Reference
GTR3
–40
–0.2
–0.02
0.2
GTR4
–50
–0.6
–0.1
0.6
Receive
Gain Tracking
GTR5
1020
–55
DIN to AOUTn
–1.2
–0.2
1.2
dB
NIDLE
T
——
AINn = SG
*2
AINn to DOUT
—14
16
Idle Channel Noise
NIDLE
R
——
DIN = 0 code *2
DIN to AOUTn
—6
10
dBrnc0
*2 C-message Filter is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com