Electronic Components Datasheet Search
  English  ▼

X  

ML7022 Datasheet(PDF) 14 Page - OKI electronic componets

Part # ML7022
Description  Single Rail Dual Channel PCM CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7022 Datasheet(HTML) 14 Page - OKI electronic componets

Back Button ML7022 Datasheet HTML 10Page - OKI electronic componets ML7022 Datasheet HTML 11Page - OKI electronic componets ML7022 Datasheet HTML 12Page - OKI electronic componets ML7022 Datasheet HTML 13Page - OKI electronic componets ML7022 Datasheet HTML 14Page - OKI electronic componets ML7022 Datasheet HTML 15Page - OKI electronic componets ML7022 Datasheet HTML 16Page - OKI electronic componets ML7022 Datasheet HTML 17Page - OKI electronic componets ML7022 Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
FEDL7022-01-06
1Semiconductor
ML7022-01
14/20
DIN
DIN is a data input pin.
The voice band signal is converted to an analog signal in synchronization with the RSYNC signal and BCLK. The
analog signal of channel 1 is output from AOUT1 pin and the analog signal of channel 2 is output from AOUT2
pin.
The 28 bit signal structure is shown in Figure 4. It consists of voice band PCM signals (8 bits each), the general-
purpose latch signal (6 bits total), the power down control signal (1 bit per channel) and empty bits (4 bits). The
signal is shifted at a falling edge of the BCLK signal and latched into the internal register when shifted by 28 bits.
The start of the PCM data (Channel 1’s MSD) is identified at the rising edge of RSYNC.
The general purpose latch signal (C3A, C2A, C1A, C3B, C2B, C1B) are output from six latch output pins.
When the CPD1 (bit of DIN) = “0”, Channel 1 block is in a power down state. When the CPD2 (bit of DIN) = “0”,
Channel 2 block is in a power down state.
DOUT
DOUT is a data output pin.
The signal consist of a total of 28 bits containing the voice band PCM signals (each channel 8 bits), the echo bit (6
bits for latch signal and 2 bits for power down state indication), and empty bits (4 bits). The output cording format
follows ITU-T recommendation on coding law.
The output signal is output from Channel 1’s MSD bit in a sequential order, synchronizing with the rising edge of
the BCLK signal. The first bit of DOUT may be output at the rising edge of the XSYNC signal, based on the timing
between BCLK and XSYNC.
This pin is in a high impedance state during power down state.
A pull-up resistor must be connected to this pin because it is an open drain output.
Table 1 The Output Cording Format
PCMIN/PCMOUT
µ-law
INPUT/OUTPUT
Level
MSD
D2
D3
D4D5D6D7
D8
+ Full scale
1
0
0
0000
0
+0
1
1
1
1111
1
–0
0
1
1
1111
1
– Full scale
0
0
0
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com