Electronic Components Datasheet Search
  English  ▼

X  

ML7022 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML7022
Description  Single Rail Dual Channel PCM CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7022 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML7022 Datasheet HTML 2Page - OKI electronic componets ML7022 Datasheet HTML 3Page - OKI electronic componets ML7022 Datasheet HTML 4Page - OKI electronic componets ML7022 Datasheet HTML 5Page - OKI electronic componets ML7022 Datasheet HTML 6Page - OKI electronic componets ML7022 Datasheet HTML 7Page - OKI electronic componets ML7022 Datasheet HTML 8Page - OKI electronic componets ML7022 Datasheet HTML 9Page - OKI electronic componets ML7022 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
FEDL7022-01-06
1Semiconductor
ML7022-01
6/20
ELECTRICAL CHARACTERISTICS
DC and Digital Interface Characteristics
(V
DD = 4.75 to 5.25 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
I
DD1
2CH Operating Mode, No Signal
PDN = “1”, CPD1 = CPD2 = “1”
—
14.0
18.0
mA
I
DD2
1CH Operating Mode, No Signal
PDN = “1”, CPD1 = “1”, CPD2 =
“0” or PDN = “1”, CPD1 = “0”,
CPD2 = “1”
—
8.0
11.0
mA
I
DD3
Power Saving Mode,
PDN = “1”, CPD1 = CPD2 = “0”
—1.8
2.5
mA
Power Supply Current
I
DD4
Power Down Mode,
PDN = “0”
—
0.01
0.05
mA
High Level Input Leakage
Current
I
IH
All Digital Input Pins
V
I = VDD
——
2.0
µA
Low Level Input Leakage
Current
I
IL
All Digital Input Pins
V
I = 0 V
——
0.5
µA
DOUT, Pull-up = 0.5 k
Ω
00.2
0.4
V
Digital Output Low Voltage
V
OL
C1A, C2A, C3A, C1B, C2B, C3B
I
OL = 0.4 mA
00.2
0.4
V
C1A, C2A, C3A, C1B, C2B, C3B
I
OH = 0.4 mA
2.5
—
—
V
Digital Output High Voltage
V
OH
C1A, C2A, C3A, C1B, C2B, C3B
I
OH = 50 µA
V
DD
–0.5
——
V
Digital Output Leakage
Current
I
O
DOUT High Impedance State
—
—
10
µA
Input Capacitance
C
IN
——
5
—
pF
Analog Interface Characteristics
(V
DD = 4.75 to 5.25 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
SGC Rise Time
T
SGC
SG to AG 0.1
µF
Rise time to 90% of max. level
——
10
ms
Transmit Analog Interface Characteristics
(V
DD = 4.75 to 5.25 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input Resistance
R
INX
AIN1, AIN2
10
—
—
M
Ω
Output Load Resistance
R
LGX
20
—
—
k
Ω
Output Load Capacitance
C
LGX
——
30
pF
Output Amplitude
V
OGX
GSX1, GSX2
with respect to SG
*1
–1.13
—
1.13
V
Offset Voltage
V
OSGX
Gain = 1
–20
—
20
mV
*1 0.27 dBm (600
Ω) = 3.17 dBm0 (µ-law) = 2.26 V
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com