Electronic Components Datasheet Search
  English  ▼

X  

ML7022 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML7022
Description  Single Rail Dual Channel PCM CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7022 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML7022 Datasheet HTML 9Page - OKI electronic componets ML7022 Datasheet HTML 10Page - OKI electronic componets ML7022 Datasheet HTML 11Page - OKI electronic componets ML7022 Datasheet HTML 12Page - OKI electronic componets ML7022 Datasheet HTML 13Page - OKI electronic componets ML7022 Datasheet HTML 14Page - OKI electronic componets ML7022 Datasheet HTML 15Page - OKI electronic componets ML7022 Datasheet HTML 16Page - OKI electronic componets ML7022 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
FEDL7022-01-06
1Semiconductor
ML7022-01
13/20
AG
Ground for the analog signal circuits.
DG
Ground for the digital signal circuits.
This ground is separate from the analog signal ground. The DG pin must be connected to the AG pin on the printed
circuit board to make a common analog ground.
SGC
Used to generate the signal ground voltage level, by connecting a bypass capacitor. Connect a 0.1
µF capacitor
with excellent high frequency characteristics between the AG pin and the SGC pin.
During power down mode, this outputs are at the voltage level of AG with about 50 k
Ω impedance.
MCK
Master clock input.
The frequency must be 4.096 MHz.
BCLK
Shift clock signal input for the DIN and DOUT signals.
The frequency, equal to the data rate, is 256 k to 4096 kHz. This signal must be synchronized in phase with the
MCK (generated from the same clock source as MCK). Figure 1 shows the phase difference of MCK and BCLK.
RSYNC
Receive synchronizing signal input.
Signals in the receive section are synchronized by this synchronizing signal. This signal must be synchronized in
phase with the MCK (generated from the same clock source as MCK).
XSYNC
Transmit synchronizing signal input.
The PCM output signal from the DOUT pin is output in synchronization with this transmit synchronizing signal.
This synchronizing signal synchronizes all timing signals of all section. This signal must be synchronized in phase
with the MCK (generated from the same clock source as MCK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com