Electronic Components Datasheet Search
  English  ▼

X  

ML7022 Datasheet(PDF) 5 Page - OKI electronic componets

Part # ML7022
Description  Single Rail Dual Channel PCM CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7022 Datasheet(HTML) 5 Page - OKI electronic componets

  ML7022 Datasheet HTML 1Page - OKI electronic componets ML7022 Datasheet HTML 2Page - OKI electronic componets ML7022 Datasheet HTML 3Page - OKI electronic componets ML7022 Datasheet HTML 4Page - OKI electronic componets ML7022 Datasheet HTML 5Page - OKI electronic componets ML7022 Datasheet HTML 6Page - OKI electronic componets ML7022 Datasheet HTML 7Page - OKI electronic componets ML7022 Datasheet HTML 8Page - OKI electronic componets ML7022 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
FEDL7022-01-06
1Semiconductor
ML7022-01
5/20
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
V
DD
—
–0.3 to +7.0
V
Analog Input Voltage
V
AIN
—
–0.3 to V
DD+0.3
V
Digital Input Voltage
V
DIN
—
–0.3 to V
DD+0.3
V
Storage Temperature
T
STG
—
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power Supply Voltage
V
DD
Voltage must be fixed
4.75
5.0
5.25
V
Operating Temperature
T
OP
—
–40
—
+85
°C
Analog Input Voltage
V
AIN
Gain = 1
—
—
3.4
V
PP
High Level Input Voltage
V
IH
2.2
—
V
DD
V
Low Level Input Voltage
V
IL
All Digital Input Pins
0—
0.8
V
MCK Frequency
F
MCK
MCK
–0.01%
4096
+0.01%
kHz
BCLK Frequency
F
BCLK
BCLK
256
—
4096
kHz
Sync Pulse Frequency
F
SYNC
XSYNC, RSYNC
—
8
—
kHz
Clock Duty Ratio
D
CLK
MCK, BCLK
40
50
60
%
Digital Input Rise Time
T
IR
——
50
ns
Digital Input Fall Time
T
IF
All Digital Input Pins
——
50
ns
MCK to BCLK Phase
Difference
T
MB
MCK, BCLK
—
—
50
ns
T
XS
BCLK to XSYNC
50
—
—
ns
Transmit Sync Pulse Setting
Time
T
SX
XSYNC to BCLK
50
—
—
ns
T
RS
BCLK to RSYNC
50
—
—
ns
Receive Sync Pulse Setting
Time
T
SR
RSYNC to BCLK
50
—
—
ns
Sync Pulse Width
T
WS
XSYNC, RSYNC
1 BCLK
—
100
µs
DIN Set-up Time
T
DS
DIN
50
—
—
ns
DIN Hold Time
T
DH
DIN
50
—
—
ns
R
DL
Pull-up Resistor, DOUT
0.5
—
—
k
Ω
DOUT
—
—
50
pF
Digital Output Load
C
DL
C1A, C2A, C3A,C1B, C2B, C3B
—
—
50
pF
Bypass Capacitor for SGC
C
SG
SG to AG
0.1
—
—
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com