Electronic Components Datasheet Search
  English  ▼

X  

ML7022 Datasheet(PDF) 12 Page - OKI electronic componets

Part # ML7022
Description  Single Rail Dual Channel PCM CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7022 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button ML7022 Datasheet HTML 8Page - OKI electronic componets ML7022 Datasheet HTML 9Page - OKI electronic componets ML7022 Datasheet HTML 10Page - OKI electronic componets ML7022 Datasheet HTML 11Page - OKI electronic componets ML7022 Datasheet HTML 12Page - OKI electronic componets ML7022 Datasheet HTML 13Page - OKI electronic componets ML7022 Datasheet HTML 14Page - OKI electronic componets ML7022 Datasheet HTML 15Page - OKI electronic componets ML7022 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
FEDL7022-01-06
1Semiconductor
ML7022-01
12/20
FUNCTIONAL DESCRIPTION
Pin Functional Description
AIN1, AIN2, GSX1, GSX2
AIN1 and AIN2 are the transmit analog inputs for Channels 1 and 2.
GSX1 and GSX2 are the transmit level adjustments for Channels 1 and 2.
AIN1 and AIN2 are inverting inputs for the op-amp; GSX1 and GSX2 are connected to the output of the op-amp
and are used to adjust the level, as shown below.
If AIN1 and AIN2 are not used, connect AIN1 to GSX1 and AIN2 to GSX2. During power saving and power down
mode, the GSX1 and GSX2 outputs are at AG voltage.
In the case of the analog input 2.26 Vpp at GSX pin with digital output +3.17 dBm0 (
µ-law).
AOUT1, AOUT2
AOUT1 is the receive analog output for Channel 1 and AOUT2 is used for Channel 2.
The output signal has an amplitude of 3.4Vpp above and below the signal ground voltage (SG).When the digital
signal of +3.17 dBm0 is input to DIN, it can drive a load of 600
Ω or more.
During power saving or power down mode, these outputs are at a high impedance.
V
DD
Power supply for +5 V.
Connect a bypass capacitor of 0.1
µF with excellent high frequency characteristics between this pin and the AG
pin.
Although V
DD pin 1 and VDD pin 15 are connected internally, these pins must be connected on the printed circuit
board.
CH1 Gain
Gain = R2/R1
≤ 10
R1: Variable
R2
> 20 kΩ
C1
> 1/ (2 × 3.14 × 30 × R1)
CH2 Gain
Gain = R4/R3
≤ 10
R3: Variable
R4
> 20 kΩ
C2
> 1/ (2 × 3.14 × 30 × R3)
CH1
Analog
Input
GSX1
AIN1
SG
R2
R1
C1
CH2
Analog
Input
GSX2
AIN2
SG
R4
R3
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com