Electronic Components Datasheet Search
  English  ▼

X  

ML7022 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML7022
Description  Single Rail Dual Channel PCM CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7022 Datasheet(HTML) 1 Page - OKI electronic componets

  ML7022 Datasheet HTML 1Page - OKI electronic componets ML7022 Datasheet HTML 2Page - OKI electronic componets ML7022 Datasheet HTML 3Page - OKI electronic componets ML7022 Datasheet HTML 4Page - OKI electronic componets ML7022 Datasheet HTML 5Page - OKI electronic componets ML7022 Datasheet HTML 6Page - OKI electronic componets ML7022 Datasheet HTML 7Page - OKI electronic componets ML7022 Datasheet HTML 8Page - OKI electronic componets ML7022 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FEDL7022-01-06
1Semiconductor
This version:
May 2000
Previous version: Sep. 1999
ML7022-01
Single Rail Dual Channel PCM CODEC
1/20
GENERAL DESCRIPTION
The ML7022 is a two-channel single-rail CODEC CMOS IC for voice signals ranging from 300 to 3400Hz. This
device contains two-channel analog-to-digital (A/D) and digital-to-analog (D/A) converters on a single chip. The
ML7022 is designed especially for a single power supply and low power applications and achieves a reduced
footprint.
The ML7022 is best suited for line card applications with easy interface to subscriber line interface circuits
(SLICs). The SLIC interface latches are embedded onto this CODEC, thus eliminating the need for external
components and optimizing board space.
FEATURES
• Single 5 V Power Supply Operation
• Using ∆-Σ ADC and DAC Technique
• Low Power Consumption
2-Channel Operating Mode:
typical:
70 mW
max.:
90 mW
1-Channel Operating Mode:
typical:
40 mW
max.:
55 mW
Power Saving Mode: (CPD1 = CPD2 = “0”)
typical:
9 mW
max.: 12.5 mW
Power Down Mode: (PDN = “0”)
typical: 0.05 mW
max.: 0.25 mW
• ITU-T Companding Law - µ-law
• Built-in Dual 3-bit Latches with CMOS Drive Capability
• Serial PCM Interface
• Master Clock: 4.096 MHz
• Transmission Clocks:
256 to 4096 kbps
• Adjustable Transmit Gain
• Built-in Reference Voltage Supply
• Analog Output can Directly Drive a 600Ω Line Transformer
• Latched Content Echo-back Function
• Package Type:
30-pin plastic SSOP (SSOP30-P-56-0.65-K) (Product name: ML7022-01MB)


Similar Part No. - ML7022

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7020 OKI-ML7020 Datasheet
125Kb / 19P
1200 bps MODEM for Remote Control Systems
ML7021 OKI-ML7021 Datasheet
244Kb / 24P
Echo Canceler
ML7029 OKI-ML7029 Datasheet
163Kb / 29P
Multifunction ADPCM CODEC
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
Multifunction ADPCM CODEC
logo
LAPIS Semiconductor Co....
ML7029 LAPIS-ML7029 Datasheet
362Kb / 29P
Multifunction ADPCM CODEC
More results

Similar Description - ML7022

ManufacturerPart #DatasheetDescription
logo
NEC
UPD9611 NEC-UPD9611 Datasheet
161Kb / 28P
FOUR-CHANNEL PCM CODEC
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
PCM CODEC
logo
Asahi Kasei Microsystem...
AK2301A AKM-AK2301A Datasheet
158Kb / 20P
3.3V Single channel PCM CODEC LSI
logo
OKI electronic componet...
ML7048 OKI-ML7048 Datasheet
138Kb / 20P
3-Channel Single Rail CODEC
logo
Asahi Kasei Microsystem...
AK2300 AKM-AK2300 Datasheet
224Kb / 19P
3.3V Single channel PCM CODEC LSI
logo
Texas Instruments
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com