Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 38Page - Texas Instruments TAS2780 Datasheet HTML 39Page - Texas Instruments TAS2780 Datasheet HTML 40Page - Texas Instruments TAS2780 Datasheet HTML 41Page - Texas Instruments TAS2780 Datasheet HTML 42Page - Texas Instruments TAS2780 Datasheet HTML 43Page - Texas Instruments TAS2780 Datasheet HTML 44Page - Texas Instruments TAS2780 Datasheet HTML 45Page - Texas Instruments TAS2780 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
8.9.26 ICC_CNFG2 (page=0x00 address=0x15) [reset=00h]
Bit
Field
Type
Reset
Description
7-5
Reserved
R
0h
Reserved
4-2
ICC_MODE[2:0]
RW
0h
Selects ICC pin function
0h = Gain alignment on ICC pin
1h = Reserved
2h = ICC pin buffers disabled
3h = ICC pin is a general purpose input
4h = ICC pin is a general purpose output
5h-7h = Reserved
1-0
Reserved
R
0h
Reserved
8.9.27 TDM_CFG12 (page=0x00 address=0x16) [reset=12h]
Bit
Field
Type
Reset
Description
7
AUDIO_SLEN
RW
0h
TDM audio slot length
0b = 16-bits
1b = 24-bits
6
AUDIO_TX
RW
0h
TDM audio output transmit is
0b = Disabled
1b = Enabled
5-0
AUDIO_SLOT[5:0]
RW
12h
TDM TX status time slot.
8.9.28 ICLA_CFG0 (page=0x00 address=0x17) [reset=0Ch]
Bit
Field
Type
Reset
Description
7
ICBA_EN
RW
0h
Inter chip brownout gain alignment is
0b = Disabled
1b = Enabled
6-1
ICGA_SLOT[5:0]
RW
6h
Inter chip gain alignment starting time slot.
0
ICLA_EN
RW
0h
Inter chip limiter alignment gain is
0b = Disabled
1b = Enabled
8.9.29 ICLA_CFG1 (page=0x00 address=0x18) [reset=00h]
Bit
Field
Type
Reset
Description
7
ICGA_SEN[7]
RW
0h
Time slot equals ICGA_SLOT[5:0]+7*3. When enabled, the
limiter will include this time slot in the alignment group.
0b = Disabled
1b = Enabled
6
ICGA_SEN[6]
RW
0h
Time slot equals ICGA_SLOT[5:0]+6*3. When enabled, the
limiter will include this time slot in the alignment group.
0b = Disabled
1b = Enabled
5
ICGA_SEN[5]
RW
0h
Time slot equals ICGA_SLOT[5:0]+5*3. When enabled, the
limiter will include this time slot in the alignment group.
0b = Disabled
1b = Enabled
4
ICGA_SEN[4]
RW
0h
Time slot equals ICGA_SLOT[5:0]+4*3. When enabled, the
limiter will include this time slot in the alignment group.
0b = Disabled
1b = Enabled
3
ICGA_SEN[3]
RW
0h
Time slot equals ICGA_SLOT[5:0]+3*3. When enabled, the
limiter will include this time slot in the alignment group.
0b = Disabled
1b = Enabled
TAS2780
SLOSE75 – NOVEMBER 2021
www.ti.com
42
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com