Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 80Page - Texas Instruments TAS2780 Datasheet HTML 81Page - Texas Instruments TAS2780 Datasheet HTML 82Page - Texas Instruments TAS2780 Datasheet HTML 83Page - Texas Instruments TAS2780 Datasheet HTML 84Page - Texas Instruments TAS2780 Datasheet HTML 85Page - Texas Instruments TAS2780 Datasheet HTML 86Page - Texas Instruments TAS2780 Datasheet HTML 87Page - Texas Instruments TAS2780 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 96 page
background image
w 70 02 02 #Software shutdown
w 70 08 39 #44.1KHz, Auto TDM off, Frame start High to Low
### Change source sample rate
w 70 02 01 #Take device out of low-power shutdown
d 1
w 70 02 00 #Un-mute
10.7 Over Power Protection - OCP Programming
The following I2C sequence will program the over current protection in the case 2.7V ≤ VBAT1S≤ 2.9V.
w 70 00 FD #
w 70 0D 0D #
w 70 5C C0 #
w 70 3A 7D #
r 70 3B 01 #
#Record the value read fron register 3B: XY
w 70 3B XZ # Z=Y-2
w 70 0D 00 #
w 70 00 00 #
10.8 DSP Loopback
The following I2C sequence will enable the DSP loopback for echo reference.
#####DSP Echo Reference Loopback
w 70 00 00 #Page -0
w 70 7F 00
w 70 16 C0 #Audio TX slot programmed to 0
w 70 0E 00 #Disable Vsense
w 70 0E 00 #Disable Vsense
TAS2780
SLOSE75 – NOVEMBER 2021
www.ti.com
84
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com