Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 16Page - Texas Instruments TAS2780 Datasheet HTML 17Page - Texas Instruments TAS2780 Datasheet HTML 18Page - Texas Instruments TAS2780 Datasheet HTML 19Page - Texas Instruments TAS2780 Datasheet HTML 20Page - Texas Instruments TAS2780 Datasheet HTML 21Page - Texas Instruments TAS2780 Datasheet HTML 22Page - Texas Instruments TAS2780 Datasheet HTML 23Page - Texas Instruments TAS2780 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 96 page
background image
Figure 8-4. Low Voltage Signaling
The LVS fixed thresholds, when CDS_MODE[1:0]=11 (PWR_MODE2 from Section 11.1), can be set using
register bits LVS_FTH_LOW[1:0]. When CDS_MODE[1:0]=00 (PWR_MODE1 from Section 11.1) the thresholds
should be set with register bits LVS_FTH[4:0].
Below equations show the maximum level of the input signal in order to keep LVS below threshold (Class D
switching on VBAT1S).
For absolute threshold: .
Input (dBFS) < LVS_FTH + (21 dBV - ChannelGain [dBV]) (1)
For relative threshold: .
Input (dBFS) < 20log[(VBAT1S*CD_EFF - LVS_RTH)/16] + (21 dBV - ChannelGain [dBV]) - 1.5dB (2)
Where:
* ChannelGain = AMP_LEVEL + DVC_LVL + SAFE_MODE (if enabled, it is -18dB).
* CD_EFF is set by registers 48h-4Bh from page 0x04 and LVH_RTH is set by bits [3:0] of register 6Ah from
page 0x00.
* 1.5dB is an inflection factor, already included for absolute threshold.
BOP, Limiter, Thermal Foldback and Thermal Gradient Gain Attenuation should not be taken into account for
calculating LV_EN threshold.
8.4.2.6 Y-Bridge
The TAS2780 Class-D output uses a Y-Bridge configuration to improve efficiency during playback. The LVS
(Section 8.4.2.5) is internally used to select between the PVDD and VBAT1S supplies. This feature is enabled by
setting CDS_MODE[1:0] bits to 2'b00 when both PVDD and VBAT1S are supplied to the device. If not configured
to Y-bridge mode the device will use only the selected supply for class-D output even if clipping would otherwise
occur. The device can operate using only PVDD to supply class-D output. In this configuration the VBAT1S
can be provided from external supply (register bit VBAT1S=0) or generated by an internal LDO (register bit
VBAT1S=1). In this case CDS_MODE[1:0] bits should be set to 2'b10. The TAS2780 Y-Bridge with Low Power
on VBAT1S can be used to switch to the VBAT1S rail only at very low power when close to idle. This will
reduce the class-D output swing when near idle and limit the current requirements of the VBAT1S supply. Set the
CDS_MODE[1:0] register to 2'b11 for this mode.
See Section 11.1 for details on programming the power mode of operation.
TAS2780
SLOSE75 – NOVEMBER 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com