Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 3 Page - Texas Instruments

  TAS2780 Datasheet HTML 1Page - Texas Instruments TAS2780 Datasheet HTML 2Page - Texas Instruments TAS2780 Datasheet HTML 3Page - Texas Instruments TAS2780 Datasheet HTML 4Page - Texas Instruments TAS2780 Datasheet HTML 5Page - Texas Instruments TAS2780 Datasheet HTML 6Page - Texas Instruments TAS2780 Datasheet HTML 7Page - Texas Instruments TAS2780 Datasheet HTML 8Page - Texas Instruments TAS2780 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 96 page
background image
5 Pin Configuration and Functions
Figure 5-1. Package 30-Pin HR-QFN Bottom View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ADDR
23
I
Address detect pin. Resistor value at this pin selects the I2C address. See Section 8.3.1.
Minimize capacitive loading on this pin and do not connect to any other load.
AVDD
24
P
Analog power input. Connect to 1.8V supply and decouple to GND with a capacitor.
BST_N
30
P
Class-D negative bootstrap. Connect a capacitor between BSTN and OUTN.
BST_P
4
P
Class-D positive bootstrap. Connect a capacitor between BSTP and OUTP.
DREG
10
P
Digital core voltage regulator output. Bypass to GND with a capacitor. Do not connect to
external load.
FSYNC
14
I
TDM Frame Sync.
GND
7,25
P
Analog ground. Connect to PCB ground plane.
ICC
6
IO
Inter-chip communication pin used to transmit gain alignment.
IOVDD
20
P
Digital IO Supply. Connect to 1.8V or 3.3V IO supply and decouple with a capacitor to GND.
IRQZ
21
O
Open drain, active low interrupt pin. Pull up to IOVDD with resistor if optional internal pull up
is not used.
BYP_EN
11
O
Low voltage signaling pin with open drain output. It can be used to enable/disable an
external converter.
OUTN
29
O
Class-D negative output.
OUTP
3
O
Class-D positive output.
PGND
2
P
Class-D ground. Connect to PCB ground plane.
SBCLK
15
I
TDM Serial Bit Clock.
SCL
18
I
I2C Clock Pin. Pull up to IOVDD with a resistor.
SDA
19
IO
I2C Data Pin. Pull up to IOVDD with a resistor.
SDIN
13
I
TDM Serial Data Input.
SDOUT
12
IO
TDM Serial Data Output.
SDZ
22
I
Active low hardware shutdown.
PVDD
28
P
Class-D power supply input. Decouple with a capacitor.
PVDD_SNS
26
I
PVDD remote sense pin.
VBAT1S
27
P
Single-cell battery supply input. Decouple with a capacitor.
VSNSN
1
I
Voltage Sense negative input. Connect to Class-D negative output or after a ferrite bead
filter.
VSNSP
5
I
Voltage Sense positive input. Connect to Class-D positive output or after a ferrite bead filter.
www.ti.com
TAS2780
SLOSE75 – NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com