Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 2 Page - Texas Instruments

  TAS2780 Datasheet HTML 1Page - Texas Instruments TAS2780 Datasheet HTML 2Page - Texas Instruments TAS2780 Datasheet HTML 3Page - Texas Instruments TAS2780 Datasheet HTML 4Page - Texas Instruments TAS2780 Datasheet HTML 5Page - Texas Instruments TAS2780 Datasheet HTML 6Page - Texas Instruments TAS2780 Datasheet HTML 7Page - Texas Instruments TAS2780 Datasheet HTML 8Page - Texas Instruments TAS2780 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics.............................................5
6.6 I2C Timing Requirements..........................................10
6.7 TDM Port Timing Requirements................................10
6.8 Typical Characteristics.............................................. 12
7 Parameter Measurement Information.......................... 14
8 Detailed Description......................................................14
8.1 Overview................................................................... 14
8.2 Functional Block Diagram......................................... 15
8.3 Feature Description...................................................15
8.4 Device Functional Modes..........................................16
8.5 Operational Modes....................................................27
8.6 Faults and Status...................................................... 28
8.7 Power Sequencing Requirements............................ 31
8.8 Digital Input Pull Downs............................................ 31
8.9 Register Map.............................................................31
8.10 SDOUT Equations.................................................. 78
9 Application and Implementation.................................. 79
9.1 Application Information............................................. 79
9.2 Typical Application.................................................... 79
9.3 Design Requirements............................................... 80
9.4 Detailed Design Procedure....................................... 80
9.5 Application Curves.................................................... 81
10 Initialization Set Up..................................................... 82
10.1 Initial Device Configuration - PWR_MODE0...........82
10.2 Initial Device Configuration - PWR_MODE1...........82
10.3 Initial Device Configuration - PWR_MODE2...........82
10.4 Initial Device Configuration - PWR_MODE3...........83
10.5 Initial Device Configuration - 44.1 kHz....................83
10.6 Sample Rate Change - 48 kHz to 44.1kHz............. 83
10.7 Over Power Protection - OCP Programming.......... 84
10.8 DSP Loopback........................................................ 84
11 Power Supply Recommendations..............................85
11.1 Power Supply Modes.............................................. 85
12 Layout...........................................................................86
12.1 Layout Guidelines................................................... 86
12.2 Layout Example...................................................... 86
13 Device and Documentation Support..........................88
13.1 Receiving Notification of Documentation Updates..88
13.2 Community Resources............................................88
13.3 Trademarks.............................................................88
14 Mechanical, Packaging, and Orderable
Information.................................................................... 89
14.1 Tape and Reel Information......................................93
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
November 2021
*
Initial Draft
TAS2780
SLOSE75 – NOVEMBER 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com