Electronic Components Datasheet Search
  English  ▼

X  

AM79C850KC Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM79C850KC
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850KC Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM79C850KC Datasheet HTML 30Page - Advanced Micro Devices AM79C850KC Datasheet HTML 31Page - Advanced Micro Devices AM79C850KC Datasheet HTML 32Page - Advanced Micro Devices AM79C850KC Datasheet HTML 33Page - Advanced Micro Devices AM79C850KC Datasheet HTML 34Page - Advanced Micro Devices AM79C850KC Datasheet HTML 35Page - Advanced Micro Devices AM79C850KC Datasheet HTML 36Page - Advanced Micro Devices AM79C850KC Datasheet HTML 37Page - Advanced Micro Devices AM79C850KC Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 97 page
background image
AMD
P R E L I M I N A R Y
34
SUPERNET 3
MAC
Rx
Tx
RXAFU 3:0, RXAFL 3:0, RXAFCU, RXAFCL
PHY A
PHY B
PDTR
RX+, RX–
TX+, TX–
X9:0
R9:0
19574A-8
PDTR: Phy Data Transmit and Receive Functions
SUPERNET 3
Figure 7. WRAP_B Configuration
MAC
Rx
Tx
RXAFU 3:0, RXAFL 3:0, RXAFCU, RXAFCL
PHY A
PDTR
RX+, RX–
TX+, TX–
X9:0
R9:0
19574A-9
PDTR: Phy Data Transmit and Receive Functions
DAS/SAS Selection Mux
SUPERNET 3
Figure 8. WRAP_S or SAS Configuration
Changes and Enhancements to PHY
Changes from SUPERNET 2 PLC
Addition of Scrambler/Descrambler
Scrambler/descrambler is implemented. Scrambling/
descrambling can be disabled either through a pin or
through bit 0 in the PLC_CNTRL_C register.
ENCOFF pin function changed
The function of this pin has changed slightly. In addition
to turning off the Encoder (as in SUPERNET 2 PLC), this
pin, when asserted, now also turns off the Decoder.
BIST enhanced
The Built-In Self Test (BIST) test now covers part of the
Elasticity Buffer and Framer logic.
Revision Identification
In
SUPERNET
3
PHY,
bits
15:11
of
the
PLC_STATUS_A register will indicate 01111 on a read
operation. The Revision ID for SUPERNET 2 PLC-S
is 11111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com