Electronic Components Datasheet Search
  English  ▼

X  

AM79C850KC Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM79C850KC
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850KC Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM79C850KC Datasheet HTML 11Page - Advanced Micro Devices AM79C850KC Datasheet HTML 12Page - Advanced Micro Devices AM79C850KC Datasheet HTML 13Page - Advanced Micro Devices AM79C850KC Datasheet HTML 14Page - Advanced Micro Devices AM79C850KC Datasheet HTML 15Page - Advanced Micro Devices AM79C850KC Datasheet HTML 16Page - Advanced Micro Devices AM79C850KC Datasheet HTML 17Page - Advanced Micro Devices AM79C850KC Datasheet HTML 18Page - Advanced Micro Devices AM79C850KC Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 97 page
background image
P R E L I M I N A R Y
AMD
15
SUPERNET 3
word and the descriptor word at the end of the frame. In
transmit mode, when BDTAG = 0, it indicates that the
information on the BD bus is data, i.e., end-of-frame not
yet reached.
CSO
Chip-Select Output (TTL output, high impedance,
active low)
The chip-select output (active low) is a select signal for
buffer memory read and write operations. This line is in
the high-impedance state when buffer memory control
is released to the NP.
RD
Buffer Memory Read (TTL output, high
impedance, active low)
This output signal (active low) controls the buffer
memory during a buffer-memory read accesses. This
line is in the high-impedance state when buffer memory
control is released to the NP.
WR
Buffer Memory Write (TTL output, high
impedance, active low)
This (active low) output signal, in its active-low state,
allows write accesses to buffer memory. This line is in
the high-impedance state when buffer memory control
is released to the NP.
Host/Buffer Memory Interface (10 Pins)
All these signals are synchronous to BMCLK.
HSACK
Host Acknowledge (TTL output, high impedance)
This signal indicates that the current host read/write
request is being granted by SUPERNET 3 and allows
read/write accesses of buffer memory by the host.
HSREQ2–0
Host Request Bus (TTL input)
The host request bus specifies to SUPERNET 3 the type
of buffer memory access the host requires, as described
in the following table.
Special-frame write requests are used to set up claim,
beacon, and auto-void frames in the buffer memory (see
the discussion under Buffer Memory Operation in
SUPERNET 2 data book). These requests make use of
the WPXSF register to set up special frames in the
special-frame area.
Read request is used to retrieve received frames from
buffer memory and store them in the system memory.
Write requests are used to set up frames in buffer
memory for transmission.
HSREQ2
HSREQ1
HSREQ0
Type of Request
0
0
0
None.
0
0
1
Read Request:
Second Receive
Queue*
0
1
0
Special Frame
Write Request.
0
1
1
Read Request:
Receive Queue.
1
0
0
Write Request:
Synchronous Queue.
1
0
1
Write Request:
Asynchronous
Queue 0.
1
1
0
Write Request:
Asynchronous
Queue 1.
1
1
1
Write Request
Asynchronous
Queue 1.
Note: * Only if two receive queue operation is selected
through MDREG3.
QCTRL2–0
Buffer Queue Control (TTL output, high
impedance)
The QCTRL2–0 status output lines are encoded as de-
scribed in the following table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com