Electronic Components Datasheet Search
  English  ▼

X  

AM79C850KC Datasheet(PDF) 69 Page - Advanced Micro Devices

Part # AM79C850KC
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850KC Datasheet(HTML) 69 Page - Advanced Micro Devices

Back Button AM79C850KC Datasheet HTML 65Page - Advanced Micro Devices AM79C850KC Datasheet HTML 66Page - Advanced Micro Devices AM79C850KC Datasheet HTML 67Page - Advanced Micro Devices AM79C850KC Datasheet HTML 68Page - Advanced Micro Devices AM79C850KC Datasheet HTML 69Page - Advanced Micro Devices AM79C850KC Datasheet HTML 70Page - Advanced Micro Devices AM79C850KC Datasheet HTML 71Page - Advanced Micro Devices AM79C850KC Datasheet HTML 72Page - Advanced Micro Devices AM79C850KC Datasheet HTML 73Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 97 page
background image
P R E L I M I N A R Y
AMD
69
SUPERNET 3
SUPERNET 3 REGISTERS
SUPERNET 3 Programmable Registers
Register
Mnemonic
NPADDR7–0
Description
“cmdreg1”
“00”
Load the Command register 1 instruction
“cmdreg2”
“01”
Load the Command register 2 instruction
“st1u”
“00”
Upper 16 bits of status register 1 (Read Only)
“st1l”
“01”
Lower 16 bits of status register 1 (Read Only)
“st2u”
“02”
Upper 16 bits of status register 2 (Read Only)
“st2l”
“03”
Lower 16 bits of status register 2 (Read Only)
“imsk1u”
“04”
Upper 16 bits of IMSK register 1
“imsk1l”
“05”
Lower 16 bits of IMSK register 1
“imsk2u”
“06”
Upper 16 bits of IMSK register 2
“imsk2l”
“07”
Lower 16 bits of IMSK register 2
“said”
“08”
Short Address—individual
“laim”
“09”
Long Address, individual (MSW of LAID)
“laic”
“0a”
Long Address, individual (middle of LAID)
“lail”
“0b”
Long Address, individual (LSW of LAID)
“sagp”
“0c”
Short Address—group
“lagm”
“0d”
Long Address, group (MSW of LAGP)
“lagc”
“0e”
Long Address, group (middle of LAGP)
“lagl”
“0f”
Long Address, group (LSW of LAGP)
“mod1”
“10”
Mode Register 1
“stmchn”
“11”
State Machine register
“mir1”
“12”
Upper 16 bits—MAC information register (Read Only)
“mir0”
“13”
Lower 16 bits—MAC information register (Read Only)
“tmax”
“14”
TMAX register
“tvx”
“15”
TVX register
“trt”
“16”
Upper 16 bits of TRT timer
“tht”
“17”
Upper 16 bits of THT timer
“tneg”
“18”
Upper 16 bits of TNEG register
“tmrs”
“19”
Lower 5 bits of TNEG, TRT, THT timers
Bit 14–10—Lower 5 bits of TNEG
Bit 9–5—Lower 5 bits of TRT
Bit 4–0—Lower THT timer
Bit 15 is the Late Count
“treq0”
“1a”
Station’s LSW of requested TRT
“treq1”
“1b”
Station’s MSW of requested TRT
“pri0”
“1c”
Priority register for ASYNC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com