Electronic Components Datasheet Search
  English  ▼

X  

AM79C850KC Datasheet(PDF) 71 Page - Advanced Micro Devices

Part # AM79C850KC
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850KC Datasheet(HTML) 71 Page - Advanced Micro Devices

Back Button AM79C850KC Datasheet HTML 67Page - Advanced Micro Devices AM79C850KC Datasheet HTML 68Page - Advanced Micro Devices AM79C850KC Datasheet HTML 69Page - Advanced Micro Devices AM79C850KC Datasheet HTML 70Page - Advanced Micro Devices AM79C850KC Datasheet HTML 71Page - Advanced Micro Devices AM79C850KC Datasheet HTML 72Page - Advanced Micro Devices AM79C850KC Datasheet HTML 73Page - Advanced Micro Devices AM79C850KC Datasheet HTML 74Page - Advanced Micro Devices AM79C850KC Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 97 page
background image
P R E L I M I N A R Y
AMD
71
SUPERNET 3
SUPERNET 3 Programmable Registers (continued)
Register
Mnemonic
NPADDR7–0
Description
“fcntr”
“41”
Frame Counter
“lcntr”
“42”
Lost Counter
“ecntr”
“43”
Error Counter
“fscntr”
“44”
Frame Strip Counter
“frselreg”
“45”
Frame Selection Register
“46”
“46”
“47”
“47”
“48”
“48”
“49”
“49”
“4a”
“4a”
“4b”
“4b”
“4c”
“4c”
“4d”
“4d”
“4e”
“4e”
“4f”
“4f”
“50l”
“50”
“51”
“51”
“52”
“52”
“53”
“53”
“54”
“54”
“55”
“55”
“56”
“56”
“57”
“57”
“58”
“58”
“59”
“59”
“5a”
“5a”
“5b”
“5b”
“5c”
“5c”
“5d”
“5d”
“5e”
“5e”
“5f”
“5f”
“mdreg3”
“60”
Mode register 3
“st3u”
“61”
Upper 16 bits of status register 3 (Read Only)
“st3l”
“62”
Lower 16 bits of status register 3 (Read Only)
“imsk3u”
“63”
Upper 16 bits of IMSK register 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com