Electronic Components Datasheet Search
  English  ▼

X  

AM79C850KC Datasheet(PDF) 79 Page - Advanced Micro Devices

Part # AM79C850KC
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850KC Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button AM79C850KC Datasheet HTML 75Page - Advanced Micro Devices AM79C850KC Datasheet HTML 76Page - Advanced Micro Devices AM79C850KC Datasheet HTML 77Page - Advanced Micro Devices AM79C850KC Datasheet HTML 78Page - Advanced Micro Devices AM79C850KC Datasheet HTML 79Page - Advanced Micro Devices AM79C850KC Datasheet HTML 80Page - Advanced Micro Devices AM79C850KC Datasheet HTML 81Page - Advanced Micro Devices AM79C850KC Datasheet HTML 82Page - Advanced Micro Devices AM79C850KC Datasheet HTML 83Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 97 page
background image
P R E L I M I N A R Y
AMD
79
SUPERNET 3
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges
Clocks
Parameter
No.
Symbol
Parameter Description
Min
Max
Unit
1tPER
LSCLK Period
40
40
ns
2tPWH
LSCLK High Pulse Width
18
22
ns
3tPWL
LSCLK Low Pulse Width
18
22
ns
4tPER
BCLK Period
80
80
ns
5tPWH
BCLK High Pulse Width
35
45
ns
6tPWL
BCLK Low Pulse Width
35
45
ns
7tPER
BMCLK Period (BMCLK tied to BCLK)
80
80
ns
8tPWH
BMCLK High Pulse Width (BMCLK tied to BCLK)
35
45
ns
9tPWL
BMCLK Low Pulse Width (BMCLK tied to BCLK)
35
45
ns
10
tPER
BMCLK Period (BMCLK tied to LSCLK)
40
40
ns
11
tPWH
BMCLK High Pulse Width (BMCLK tied to LSCLK)
18
22
ns
12
tPWL
BMCLK Low Pulse Width (BMCLK tied to LSCLK)
18
22
ns
13
tSK
BMCLK to BCLK Skew (BMCLK tied to BCLK)
0
0
ns
14
tSK
BMCLK to LSCLK Skew (BMCLK tied to LSCLK)
0
0
ns
15
tSK
LSCLK to BCLK Skew
0
10
ns
SWITCHING WAVEFORMS
BCLK
19574A-29
45
LSCLK
BMCLK
(BMCLK tied
to BCLK)
10
11
12
1
23
BMCLK
(BMCLK tied
to LSCLK)
15
6
13
78
9
14
Figure 28. Clock Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com