Electronic Components Datasheet Search
  English  ▼

X  

AM79C850KC Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AM79C850KC
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850KC Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AM79C850KC Datasheet HTML 45Page - Advanced Micro Devices AM79C850KC Datasheet HTML 46Page - Advanced Micro Devices AM79C850KC Datasheet HTML 47Page - Advanced Micro Devices AM79C850KC Datasheet HTML 48Page - Advanced Micro Devices AM79C850KC Datasheet HTML 49Page - Advanced Micro Devices AM79C850KC Datasheet HTML 50Page - Advanced Micro Devices AM79C850KC Datasheet HTML 51Page - Advanced Micro Devices AM79C850KC Datasheet HTML 52Page - Advanced Micro Devices AM79C850KC Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 97 page
background image
P R E L I M I N A R Y
AMD
49
SUPERNET 3
In either method, the
DS is ignored and should be
inactive (HIGH) during all synchronous accesses. The
read cycle is initiated by asserting the
CSI, NPADDR,
NPRW signal which is sampled by the rising edge of the
clock. The NPRW signal should be high for read and low
for write. At least one clock cycle after the sampling
edge, the SUPERNET 3 will begin to drive the NP bus,
and this allow the chip driving the NP bus in the previous
read or write cycle time to tristate the NP bus. After the
next rising edge of clock (the second rising edge after
the assertion of
CSI) the data on the NP bus will be valid
and the
READY signal will be asserted. The data will
remain valid until the second rising edge of clock after
the de-assertion of
CSI. The SUPERNET 3 will tristate
the NP bus within 1/2 clock cycle after this clock edge.
Regardless of how many clock cycles are needed for
executing any SUPERNET 3 instruction,
READY stays
active only for one clock cycle.
A write cycle is very similar to the read cycle. The
principal difference are as follows:
1. The NPRW signal must be low while
CSI is asserted.
2. The data written must be valid on the second rising
edge of clock after
CSI is asserted and remain valid
until the next rising edge of the clock and
READY
signal goes active (i.e. LOW). Regardless of how
many clock cycles are needed for executing any
SUPERNET 3 instruction,
READY stays active only
for one clock cycle.
The Node Processor must tristate the NP bus within one
half clock period after the second rising edge after the
assertion of
CSI. The Node Processor can extend the
write cycle and the time it has to tristate the NP bus by
delaying the de-assertion of
CSI signal.
All register access is complete in two cycles and
READY
is asserted at the positive edge of the second clock
cycle. An exception is for MDR accesses that may take
more than two clock cycles, at which point the assertion
of
READY is deferred until the last clock period of the
execution cycle. Regardless of how many clock cycles
are needed for executing any SUPERNET 3 instruction,
READY stays active only for one clock cycle. Refer to
timing diagrams in specifications for details. The
assertion of
READY signal could be delayed during
MDR accesses by “n” multiples of clock period.
Address Filter (AF) Support
XDA_XACT and XSA_XACT input signals are provided
for the external CAM.
XDA_XACT
External Destination Address Exact Match (input,
active low)
This input indicates whether the external address match
was exact (low) or inexact (high). This input should
remain asserted for at least one BCLK cycle, and must
be deasserted for at least one BCLK cycle before a
subsequent external source address match is recog-
nized. It must be asserted and deasserted in an identical
fashion to the
XDAMAT pin. This input is used in
conjunction with the
XDAMAT pin as follows:
Match
Action
XDA_XACT and XDAMAT
A, C indicators set
and frame copied*.
XDA_XACT and XDAMAT
Invalid combination.
Ignored by MAC.
XDA_XACT and
XDAMAT
A, C indicators not set
and frame copied.
XDA_XACT and XDAMAT
No action.
*Frame is copied if valid frame or if in promiscuous or limited
promiscuous mode. In OSM, the A, C indicators are set ac-
cording to the OSM rules if both bit 4 and bit 5 (MEIND0,1) of
MDREG3 are not set.
The
XDA_XACT pin, which is generated by the external
AF, is logically ORed with the “af_dax” output signal
generated by the internal AF logic. This pin is enabled
only if the MENXACT bit in the mode register 3
(MDREG3) is set. This pin should be tied high (VCC)
when external address detection (an external AF) is
not used.
XSA_XACT
External Source Address Exact Match (input,
active low)
This input indicates whether the external source ad-
dress match was exact (low) or inexact (high). This input
should remain asserted for at least one BCLK cycle, and
must be deasserted for at least one BCLK cycle before a
subsequent external source address match is recog-
nized. It must be asserted and deasserted in an identical
fashion to the
XSAMAT pin. This input is used in
conjunction with the
XSAMAT pin as follows:
Match
Action
XSA_XACT and XSAMAT
Frame stripped.
XSA_XACT and XSAMAT
Invalid combination.
Ignored by MAC.
XSA_XACT and
XSAMAT
Frame not stripped.
XSA_XACT and XSAMAT
No action.
The
XSA_XACT pin which is generated by the external
AF is logically ORed with the “af_sax” output signal
generated by the internal AF logic. This pin is enabled
only if the MENXACT bit in the mode register 3
(MDREG3) is set. This pin should be tied high (VCC)
when external address detection (an external AF) is
not used.
Introduction
The Address Filter (AF) is a functional block that
extends the group and/or individual MAC address
recognition capabilities of the core FDDI MAC. The AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com