Electronic Components Datasheet Search
  English  ▼

X  

AM79C850KC Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM79C850KC
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850KC Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM79C850KC Datasheet HTML 2Page - Advanced Micro Devices AM79C850KC Datasheet HTML 3Page - Advanced Micro Devices AM79C850KC Datasheet HTML 4Page - Advanced Micro Devices AM79C850KC Datasheet HTML 5Page - Advanced Micro Devices AM79C850KC Datasheet HTML 6Page - Advanced Micro Devices AM79C850KC Datasheet HTML 7Page - Advanced Micro Devices AM79C850KC Datasheet HTML 8Page - Advanced Micro Devices AM79C850KC Datasheet HTML 9Page - Advanced Micro Devices AM79C850KC Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 97 page
background image
AMD
P R E L I M I N A R Y
6
SUPERNET 3
List of Figures
Figure 1.
Memory Receive Queue (Modified TAG Mode)
24
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 2.
Register 3 (MDREG3)
26
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 3.
Frame Selection Register (FRSELREG)
29
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 4.
Delay Register (UNLCKDLY)
31
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 5.
THRU_A Configuration
32
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 6.
WRAP_A Configuration
32
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 7.
WRAP_B Configuration
33
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 8.
WRAP_S or SAS Configuration
33
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 9.
Status Register 1 – Upper 16 Bits (ST1U) (NPADDR = 00h)
41
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 10.
Status Register 1 – Lower 16 Bits (ST1L) (NPADDR = 01h)
41
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 11.
Status Register 2 – Upper 16 Bits (ST2U) (NPADDR = 02h)
42
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 12.
Status Register 2 – Lower 16 Bits (ST2L) (NPADDR = 03h)
42
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 13.
Mode Register 1 (MDREG1) (NPADDR = 10h)
43
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 14.
Mode Register 2 (MDREG2) (NPADDR = 20h)
43
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 15.
Status Register 3 – Upper 16 Bits (ST3U) (NPADDR = 61h)
44
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 16.
Status Register 3 – Lower 16 Bits (ST3L) (NPADDR = 62h)
45
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 17.
Buffer Memory Queue Organization
47
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 18.
Command Register
50
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 19.
Command Register
52
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 20.
Node Processor Comparand Register (AFCOMP2)
54
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 21.
Node Processor Comparand Register (AFCOMP1)
54
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 22.
Node Processor Comparand Register (AFCOMP0)
55
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 23.
Mask Register (AFMASK2)
56
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 24.
Mask Register (AFMASK1)
56
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 25.
Mask Register (AFMASK0)
57
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 26.
Personality Register
58
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 27.
AF-MAC Interface Handshake
60
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 28.
Clock Timings
78
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 29.
NP Asynchronous Read
80
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 30.
NP Asynchronous Write
81
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 31.
NP Synchronous Read and Write Except MDR Accesses
82
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 32.
NP Synchronous Read and Write MDR Accesses
83
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 33.
Host Interface Signal Timings
84
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 34.
NP DMA Signals
85
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 35.
Host Interface Signal Timings
87
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 36.
Buffer Memory Read Cycle Timings
88
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 37.
Buffer Memory Write Cycle Timings
88
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 38.
PHY Interface Timings
89
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 39.
MAC Miscellaneous Signal Timings
90
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 40.
External CAM Interface Timings
91
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 41.
PHY Miscellaneous Signal Timings
92
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 42.
TEST Interface Signal Timings
93
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Figure 43.
PMD Interface Signal Timings
94
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com