Electronic Components Datasheet Search
  English  ▼

X  

UG261 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # UG261
Description  EFR32MG12 2.4 GHz Mesh Networking Starter Kit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

UG261 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button UG261 Datasheet HTML 3Page - Silicon Laboratories UG261 Datasheet HTML 4Page - Silicon Laboratories UG261 Datasheet HTML 5Page - Silicon Laboratories UG261 Datasheet HTML 6Page - Silicon Laboratories UG261 Datasheet HTML 7Page - Silicon Laboratories UG261 Datasheet HTML 8Page - Silicon Laboratories UG261 Datasheet HTML 9Page - Silicon Laboratories UG261 Datasheet HTML 10Page - Silicon Laboratories UG261 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
3. Connectors
This chapter gives you an overview of the Wireless STK Mainboard connectivity. The placement of the connectors can be seen in the
figure below.
Simplicity
Connector
In/Out Debug
Header
Radio
Board
Connectors
Expansion
Header
Ethernet
Connector
J-Link USB
Connector
Figure 3.1. Mainboard Connector Layout
3.1 J-Link USB Connector
The J-Link USB connector is situated on the left side of the Wireless Starter Kit mainboard. Most of the kit's development features are
supported through this USB interface when connected to a host computer, including:
• Debugging and programming of the target device using the on-board J-Link debugger
• Communication with the target device over the virtual COM port using USB-CDC
• Accurate current profiling using the Advanced Energy Monitor
In addition to providing access to development features of the kit, this USB connector is also the main power source for the kit. USB 5V
from this connector powers the board controller and the Advanced Energy Monitor. It is recommended that the USB host be able to
supply at least 500 mA to this connector, although the actual current required will vary depending on the application.
3.2 Ethernet Connector
The Ethernet connector provides access to all of the Wireless Starter Kit's development features over TCP/IP. The Ethernet interface
provides some additional development features to the user. Supported features include:
• Debugging and programming of the target device using the on-board J-Link debugger
• Communication with the target device over the virtual COM port using TCP/IP socket 4901
• "VUART" communication with the target device over the debug SWD/SWO interface using TCP/IP socket 4900
• Accurate current profiling using the Advanced Energy Monitor
• Packet Trace interface supports real-time radio packet and network analysis
• The "Admin Console", a telnet console that gives access to advanced configuration options, using TCP/IP socket 4902
Please note that the Wireless Starter Kit cannot be powered using the Ethernet connector, so in order to use this interface, the USB
connector must be used to provide power to the board.
UG261: EFR32MG12 2.4 GHz 10 dBm Radio Board User's Guide
Connectors
silabs.com | Building a more connected world.
Rev. 1.02 | 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com