Electronic Components Datasheet Search
  English  ▼

X  

UG261 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # UG261
Description  EFR32MG12 2.4 GHz Mesh Networking Starter Kit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

UG261 Datasheet(HTML) 1 Page - Silicon Laboratories

  UG261 Datasheet HTML 1Page - Silicon Laboratories UG261 Datasheet HTML 2Page - Silicon Laboratories UG261 Datasheet HTML 3Page - Silicon Laboratories UG261 Datasheet HTML 4Page - Silicon Laboratories UG261 Datasheet HTML 5Page - Silicon Laboratories UG261 Datasheet HTML 6Page - Silicon Laboratories UG261 Datasheet HTML 7Page - Silicon Laboratories UG261 Datasheet HTML 8Page - Silicon Laboratories UG261 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
UG261: EFR32MG12 2.4 GHz 10 dBm
Radio Board User's Guide
A Wireless Starter Kit with the BRD4162A Radio Board is an ex-
cellent starting point to get familiar with the EFR32™ Mighty
Gecko Wireless System-on-Chip, and it provides all necessary
tools for developing a Silicon Labs wireless application.
BRD4162A is a plug-in board for the Wireless Starter Kit Mainboard. It is a complete ref-
erence design for the EFR32MG12 Wireless SoC, with matching network and a PCB an-
tenna for 10 dBm output power in the 2.4 GHz band. The radio board also feature a ca-
pacitive touch slider for evaluation of the EFR32 Capacitive Sense module.
The Wireless Starter Kit Mainboard contains an on-board J-Link debugger with a Packet
Trace Interface and a Virtual COM port, enabling application development and debug-
ging the attached radio board as well as external hardware. The Mainboard also con-
tains sensors and peripherals for easy demonstration of some of the EFR32's many ca-
pabilities.
This document describes how to use the BRD4162A Radio Board together with a Wire-
less Starter Kit Mainboard.
BRD4162A RADIO BOARD FEATURES
• EFR32MG12 Mighty Gecko Wireless SoC
with 1024 kB Flash, and 256 kB RAM
(EFR32MG12P332F1024GL125)
• 2.4 GHz integrated radio transceiver
• 10 dBm output power
• Inverted-F PCB antenna
• 8 Mbit low-power serial flash for over-the-
air upgrades.
• Capacitive touch slider
WIRELESS STK MAINBOARD FEATURES
• Advanced Energy Monitor
• Packet Trace Interface
• Virtual COM Port
• SEGGER J-Link on-board debugger
• External device debugging
• Ethernet and USB connectivity
• Silicon Labs Si7021 Relative Humidity and
Temperature sensor
• Low Power 128x128 pixel Memory LCD
• User LEDs / Pushbuttons
• 20-pin 2.54 mm EXP header
• Breakout pads for Wireless SoC I/O
• CR2032 coin cell battery support
SOFTWARE SUPPORT
• Simplicity Studio™
• Energy Profiler
• Network Analyzer
ORDERING INFORMATION
• SLWSTK6000B
• SLWRB4162A
silabs.com | Building a more connected world.
Rev. 1.02


Similar Part No. - UG261

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
UG20 ATMEL-UG20 Datasheet
38Kb / 7P
0.6um ULC Series
logo
Diodes Incorporated
UG2001 DIODES-UG2001 Datasheet
62Kb / 2P
2.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27009 Rev. A1-2
logo
Zibo Seno Electronic En...
UG2001 ZSELEC-UG2001 Datasheet
89Kb / 2P
2.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Diodes Incorporated
UG2002 DIODES-UG2002 Datasheet
62Kb / 2P
2.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27009 Rev. A1-2
logo
Zibo Seno Electronic En...
UG2002 ZSELEC-UG2002 Datasheet
89Kb / 2P
2.0A GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - UG261

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DK-EM2-2520Z TI-DK-EM2-2520Z Datasheet
91Kb / 2P
2.4 GHz ZigBee Wireless Networking on Stellaris짰
logo
Murata Manufacturing Co...
DR-TRC104-2400-DK MURATA-DR-TRC104-2400-DK Datasheet
45Kb / 1P
2.4 GHz Transceiver IC Development Kit
logo
Amphenol Corporation
DSX2558 AMPHENOL-DSX2558 Datasheet
444Kb / 8P
RF Mesh Networking technology provides reliable real time process data. Uses global 2.4 GHz RF frequencies
logo
Laird Tech Smart Techno...
ODXXM LSTD-ODXXM Datasheet
1Mb / 2P
Mesh networking applications
logo
Silicon Laboratories
LQP15MN1N8W02D SILABS-LQP15MN1N8W02D Datasheet
616Kb / 18P
EFR32MG12 2.4 GHz 19 dBm Radio Board BRD4161A
Rev. 1.00
SLWRB4159A SILABS-SLWRB4159A Datasheet
1Mb / 34P
UG281: EFR32MG13 2.4 GHz 10 dBm Wireless Starter Kit
Rev. 1.01
SLWRB4168A SILABS-SLWRB4168A Datasheet
1Mb / 34P
UG280: EFR32MG13 2.4 GHz 19 dBm Wireless Starter Kit
Rev. 1.01
SLWRB4182A SILABS-SLWRB4182A Datasheet
1Mb / 35P
UG430: EFR32xG22 2.4 GHz 6 dBm Wireless Starter Kit
Rev. 1.0
SLWSTK6021A SILABS-SLWSTK6021A Datasheet
1Mb / 32P
UG431: EFR32xG22 2.4 GHz 6 dBm QFN32 Wireless Starter Kit
Rev. 1.0
SLWSTK6023A SILABS-SLWSTK6023A Datasheet
934Kb / 33P
UG429: EFR32xG21 2.4 GHz 10 dBm Wireless Starter Kit
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com