Electronic Components Datasheet Search
  English  ▼

X  

UG261 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # UG261
Description  EFR32MG12 2.4 GHz Mesh Networking Starter Kit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

UG261 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button UG261 Datasheet HTML 5Page - Silicon Laboratories UG261 Datasheet HTML 6Page - Silicon Laboratories UG261 Datasheet HTML 7Page - Silicon Laboratories UG261 Datasheet HTML 8Page - Silicon Laboratories UG261 Datasheet HTML 9Page - Silicon Laboratories UG261 Datasheet HTML 10Page - Silicon Laboratories UG261 Datasheet HTML 11Page - Silicon Laboratories UG261 Datasheet HTML 12Page - Silicon Laboratories UG261 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
3.4 Expansion Header
On the right hand side of the Wireless STK Mainboard an angled 20-pin expansion header is provided to allow connection of peripher-
als or plugin boards. The connector contains a number of I/O pins that can be used with most of the EFR32 Mighty Gecko's features.
Additionally, the VMCU, 3V3 and 5V power rails are also exported.
The connector follows a standard which ensures that commonly used peripherals such as an SPI, a UART and an I2C bus are available
on fixed locations in the connector. The rest of the pins are used for general purpose IO. This allows the definition of expansion boards
that can plug into a number of different Silicon Labs Starter Kits.
The figure below shows the pin assignment of the expansion header. Because of limitations in the number of available GPIO pins,
some of the expansion header pins are shared with kit features.
1
2
4
8
6
10
3
5
9
7
12
13
14
11
15
16
17
18
20
19
VMCU
SPI_MOSI / PA6
SPI_MISO / PA7
SPI_CLK / PA8
SPI_CS / PA9
UART_TX / PB6
UART_RX / PB7
I2C_SDA / PC11
5V
3V3
GND
PD8 / GPIO
PD9 / GPIO
PD10 / GPIO
PD11 / GPIO
PD12 / GPIO
PC9 / GPIO
PC10 / I2C_SCL
Board ID SDA
Board ID SCL
Reserved (Board Identification)
EFR32 I/O Pin
Figure 3.3. Expansion Header
UG261: EFR32MG12 2.4 GHz 10 dBm Radio Board User's Guide
Connectors
silabs.com | Building a more connected world.
Rev. 1.02 | 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com