Electronic Components Datasheet Search
  English  ▼

X  

UG261 Datasheet(PDF) 33 Page - Silicon Laboratories

Part # UG261
Description  EFR32MG12 2.4 GHz Mesh Networking Starter Kit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

UG261 Datasheet(HTML) 33 Page - Silicon Laboratories

Back Button UG261 Datasheet HTML 26Page - Silicon Laboratories UG261 Datasheet HTML 27Page - Silicon Laboratories UG261 Datasheet HTML 28Page - Silicon Laboratories UG261 Datasheet HTML 29Page - Silicon Laboratories UG261 Datasheet HTML 30Page - Silicon Laboratories UG261 Datasheet HTML 31Page - Silicon Laboratories UG261 Datasheet HTML 32Page - Silicon Laboratories UG261 Datasheet HTML 33Page - Silicon Laboratories UG261 Datasheet HTML 34Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
12. Document Revision History
Revision 1.02
22 December, 2017
• Added BRD8010A to SLWSTK6000B in Ordering Information section.
• Added information about Rev B00 and B01 in SLWSTK6000B Revision History
• Added information about Rev A01 in SLWRB4162A Revision History
Revision 1.01
8 March, 2017
• Improved sections on Virtual COM Port, Board Controller and On-Board Debugger.
Revision 1.00
10 February, 2017
• Initial document version.
UG261: EFR32MG12 2.4 GHz 10 dBm Radio Board User's Guide
Document Revision History
silabs.com | Building a more connected world.
Rev. 1.02 | 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com