Electronic Components Datasheet Search
  English  ▼

X  

UG261 Datasheet(PDF) 20 Page - Silicon Laboratories

Part # UG261
Description  EFR32MG12 2.4 GHz Mesh Networking Starter Kit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

UG261 Datasheet(HTML) 20 Page - Silicon Laboratories

Back Button UG261 Datasheet HTML 16Page - Silicon Laboratories UG261 Datasheet HTML 17Page - Silicon Laboratories UG261 Datasheet HTML 18Page - Silicon Laboratories UG261 Datasheet HTML 19Page - Silicon Laboratories UG261 Datasheet HTML 20Page - Silicon Laboratories UG261 Datasheet HTML 21Page - Silicon Laboratories UG261 Datasheet HTML 22Page - Silicon Laboratories UG261 Datasheet HTML 23Page - Silicon Laboratories UG261 Datasheet HTML 24Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
5.6 Virtual COM Port
An asynchronous serial connection to the board controller is provided for application data transfer between a host PC and the target
EFR32. This eliminates the need for an external serial port adapter.
VCOM_ENABLE
PA0 (US0_TX#0)
PA1 (US0_RX#0)
PA5 (GPIO)
VCOM_RX
VCOM_TX
Board
Controller
EFR32
USB
Host
PC
Isolation & Level Shift
PA2 (US0_CTS#30)
PA3 (US0_RTS#30)
VCOM_CTS
VCOM_RTS
ETH
or
Figure 5.6. Virtual COM Port Interface
The Virtual COM port consists of a physical UART between the target device and the board controller, and a logical function in the
board controller that makes the serial port available to the host PC over USB or Ethernet. The UART interface consists of four pins and
an enable signal.
Table 5.1. Virtual COM Port Interface Pins
Signal
Description
VCOM_TX
Transmit data from the EFR32 to the board controller
VCOM_RX
Receive data from the board controller to the EFR32
VCOM_CTS
Clear to Send hardware flow control input, asserted by the board controller when it is ready to receive more data
VCOM_RTS
Request to Send hardware flow control output, asserted by the EFR32 when it is ready to receive more data
VCOM_ENABLE Enables the VCOM interface, allowing data to pass through to the board controller.
The parameters of the serial port, such as baud rate or flow control, can be configured using the admin console. The default settings
depends on which radio board is used with the Wireless STK Mainboard.
Note: The VCOM port is only available when the board controller is powered, which requires the J-Link USB cable to be inserted.
UG261: EFR32MG12 2.4 GHz 10 dBm Radio Board User's Guide
Peripherals
silabs.com | Building a more connected world.
Rev. 1.02 | 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com