Electronic Components Datasheet Search
  English  ▼

X  

UG261 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # UG261
Description  EFR32MG12 2.4 GHz Mesh Networking Starter Kit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

UG261 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button UG261 Datasheet HTML 17Page - Silicon Laboratories UG261 Datasheet HTML 18Page - Silicon Laboratories UG261 Datasheet HTML 19Page - Silicon Laboratories UG261 Datasheet HTML 20Page - Silicon Laboratories UG261 Datasheet HTML 21Page - Silicon Laboratories UG261 Datasheet HTML 22Page - Silicon Laboratories UG261 Datasheet HTML 23Page - Silicon Laboratories UG261 Datasheet HTML 24Page - Silicon Laboratories UG261 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
5.6.1 Host Interfaces
Data sent to the board controller through the VCOM interface is available in two different ways to the user. At the same time, data can
be sent to the target device using these interfaces:
• Virtual COM port using a standard USB-CDC driver.
• TCP/IP, by connecting to the Wireless STK on TCP/IP port 4901 with a Telnet client.
When connecting via USB, the device should automatically show up as a COM port. Some examples of device names that can be as-
sosiated with the kit:
• JLink CDC UART Port (COM5) on Windows hosts
• /dev/cu.usbmodem1411 on macOS
• /dev/ttyACM0 on Linux
Note that these are only examples of what the device might show up as, and the actual assignment depends on the operating system,
and how many devices are or have been connected previously. Data sent by the target device into the VCOM interface can be read
from this port, and data written to this port is transmitted to the traget device.
Connecting to the Wireless STK on port 4901 gives access to the same data over TCP/IP. Data written into the VCOM interface by the
target device can be read from the socket, and data written into the socket is transmitted to the target device.
Note: Only one of these interfaces can be used at the same time, with the TCP/IP socket taking priority. This means that if a socket is
connected to port 4901, no data can be sent or received on the USB COM port.
5.6.2 Serial Configuration
By default, the VCOM serial port is configured to use 115200 8N1, with flow control disabled/ignored. (115.2 Kbit/s, 8 databits, 1 stop
bit). The configuration can be changed using the Admin Console:
WSTK> serial vcom config
Usage: serial vcom config [--nostore] [handshake <rts/cts/rtscts/disable/auto>] [speed <9600,921600>]
Using this command, the baud rate can be configured between 9600 and 921600 bit/s, and hardware handshake can be enabled or
disabled on either or both flow control pins.
UG261: EFR32MG12 2.4 GHz 10 dBm Radio Board User's Guide
Peripherals
silabs.com | Building a more connected world.
Rev. 1.02 | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com