Electronic Components Datasheet Search
  English  ▼

X  

UG261 Datasheet(PDF) 28 Page - Silicon Laboratories

Part # UG261
Description  EFR32MG12 2.4 GHz Mesh Networking Starter Kit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

UG261 Datasheet(HTML) 28 Page - Silicon Laboratories

Back Button UG261 Datasheet HTML 24Page - Silicon Laboratories UG261 Datasheet HTML 25Page - Silicon Laboratories UG261 Datasheet HTML 26Page - Silicon Laboratories UG261 Datasheet HTML 27Page - Silicon Laboratories UG261 Datasheet HTML 28Page - Silicon Laboratories UG261 Datasheet HTML 29Page - Silicon Laboratories UG261 Datasheet HTML 30Page - Silicon Laboratories UG261 Datasheet HTML 31Page - Silicon Laboratories UG261 Datasheet HTML 32Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
8.2 Debug Modes
Programming external devices is done by connecting to a target board through the provided Debug IN/OUT Connector, and by setting
the debug mode to [Out]. The same connector can also be used to connect an external debugger to the EFR32 Wireless SoC on the
kit, by setting debug mode to [In].
Selecting the active debug mode is done in Simplicity Studio.
Debug MCU: In this mode the on-board debugger is connected to the EFR32 on the kit.
RADIO BOARD
Board
Controller
USB
Host
Computer
DEBUG HEADER
External
Hardware
Figure 8.1. Debug MCU
Debug OUT: In this mode, the on-board debugger can be used to debug a supported Silicon Labs device mounted on a custom board.
Board
Controller
USB
Host
Computer
DEBUG HEADER
External
Hardware
RADIO BOARD
Figure 8.2. Debug OUT
Debug IN: In this mode, the on-board debugger is disconnected, and an external debugger can be connected to debug the EFR32 on
the kit.
Board
Controller
USB
Host
Computer
DEBUG HEADER
External Debug Probe
RADIO BOARD
Figure 8.3. Debug IN
UG261: EFR32MG12 2.4 GHz 10 dBm Radio Board User's Guide
On-Board Debugger
silabs.com | Building a more connected world.
Rev. 1.02 | 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com