Electronic Components Datasheet Search
  English  ▼

X  

UG261 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # UG261
Description  EFR32MG12 2.4 GHz Mesh Networking Starter Kit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

UG261 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button UG261 Datasheet HTML 9Page - Silicon Laboratories UG261 Datasheet HTML 10Page - Silicon Laboratories UG261 Datasheet HTML 11Page - Silicon Laboratories UG261 Datasheet HTML 12Page - Silicon Laboratories UG261 Datasheet HTML 13Page - Silicon Laboratories UG261 Datasheet HTML 14Page - Silicon Laboratories UG261 Datasheet HTML 15Page - Silicon Laboratories UG261 Datasheet HTML 16Page - Silicon Laboratories UG261 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
3.7 Debug Adapter
BRD8010A STK/WSTK Debug Adapter is an adapter board which plugs directly into the Debug Connector and the Simplicity Connector
on the mainboard and combines selected functionality from these two to a smaller footprint 10-pin connector which is more suitable for
space constrained designs.
For versatility, the Debug Adapter features three different 10-pin debug connectors:
• Silicon Labs Mini Simplicity Connector
• ARM Cortex 10-pin Debug Connector
• Silicon Labs ISA3 Packet Trace
The ARM Cortex 10-pin Debug Connector follows the standard Cortex pin-out defined by ARM and allows the Starter Kit to be used to
debug hardware designs that use this connector.
The ISA3 connector follows the same pin-out as the Packet Trace connector found on the Silicon Labs Ember Debug Adapter (ISA3).
This allows the Starter Kit to be used to debug hardware designs that use this connector.
The Mini Simplicity Connector is designed to offer advanced debug features from the Starter Kit on a 10-pin connector:
• Serial Wire Debug (SWD) with SWO
• Packet Trace Interface (PTI)
• Virtual COM Port (VCOM)
• AEM Monitored voltage rail
Note: Packet Trace is only available on Wireless STK Mainboards. MCU Starter Kits do not support Packet Trace.
VAEM
1
3
RST
5
VCOM_TX
9
PTI_FRAME
7
SWDIO
2 GND
4 VCOM_RX
6 SWO
8 SWCLK
10 PTI_DATA
Figure 3.6. Mini Simplicity Connector
Table 3.4. Mini Simplicity Connector Pin Descriptions
Pin number
Function
Description
1
VAEM
Target voltage on the debugged application. Supplied and monitored by the AEM
when power selection switch is in the "AEM" position.
2
GND
Ground
3
RST
Reset
4
VCOM_RX
Virtual COM Rx
5
VCOM_TX
Virtual COM Tx
6
SWO
Serial Wire Output
7
SWDIO
Serial Wire Data
8
SWCLK
Serial Wire Clock
9
PTI_FRAME
Packet Trace Frame Signal
10
PTI_DATA
Packet Trace Data Signal
UG261: EFR32MG12 2.4 GHz 10 dBm Radio Board User's Guide
Connectors
silabs.com | Building a more connected world.
Rev. 1.02 | 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com