Electronic Components Datasheet Search
  English  ▼

X  

UG261 Datasheet(PDF) 18 Page - Silicon Laboratories

Part # UG261
Description  EFR32MG12 2.4 GHz Mesh Networking Starter Kit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

UG261 Datasheet(HTML) 18 Page - Silicon Laboratories

Back Button UG261 Datasheet HTML 14Page - Silicon Laboratories UG261 Datasheet HTML 15Page - Silicon Laboratories UG261 Datasheet HTML 16Page - Silicon Laboratories UG261 Datasheet HTML 17Page - Silicon Laboratories UG261 Datasheet HTML 18Page - Silicon Laboratories UG261 Datasheet HTML 19Page - Silicon Laboratories UG261 Datasheet HTML 20Page - Silicon Laboratories UG261 Datasheet HTML 21Page - Silicon Laboratories UG261 Datasheet HTML 22Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
5.4 Serial Flash
The BRD4162A radio board is equipped with an 8 Mbit Macronix MX25R SPI flash that is connected directly to the EFR32. Figure
5.4 Radio Board Serial Flash on page 18 shows how the serial flash is connected to the EFR32.
PC8 (US1_CLK#11)
PC6 (US1_TX#11)
PC7 (US1_RX#11)
PA4 (US1_CS#1)
EFR32
MX25R8035F
SCLK
MOSI
MISO
SCS
VMCU
VDD
8 Mbit
Figure 5.4. Radio Board Serial Flash
The MX25R series are ultra low power serial flash devices, so there is no need for a separate enable switch to keep current consump-
tion down. However, it is important that the flash is always put in deep power down mode when not used. This is done by issuing a
command over the SPI interface. In deep power down, the MX25R typically adds approximately 100 nA to the radio board current con-
sumption.
UG261: EFR32MG12 2.4 GHz 10 dBm Radio Board User's Guide
Peripherals
silabs.com | Building a more connected world.
Rev. 1.02 | 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com